Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT7272BGSP Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT7272BGSP
Description  Evaluation Board
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7272BGSP Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT7272BGSP Datasheet HTML 2Page - Richtek Technology Corporation RT7272BGSP Datasheet HTML 3Page - Richtek Technology Corporation RT7272BGSP Datasheet HTML 4Page - Richtek Technology Corporation RT7272BGSP Datasheet HTML 5Page - Richtek Technology Corporation RT7272BGSP Datasheet HTML 6Page - Richtek Technology Corporation RT7272BGSP Datasheet HTML 7Page - Richtek Technology Corporation RT7272BGSP Datasheet HTML 8Page - Richtek Technology Corporation RT7272BGSP Datasheet HTML 9Page - Richtek Technology Corporation RT7272BGSP Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
RT7272BGSP
Evaluation Board
UG7272BGSP-00
April
2014
www.richtek.com
6
Bill of Materials
Reference
Qty
Part number
Description
Package
Manufacture
U1
1
RT7272BGSP
DC/DC Converter
PSOP-8
Richtek
C1, C2
2
C3216X5R1H106K160AB
10
μF/±10%/50V/X5R
1206
TDK
Ceramic Capacitor
C4, C5
2
GRM32ER61C226KE20#
22
μF/±10%/16V/X5R
1210
Murata
Ceramic Capacitor
C7
1
0603B272K500
2.7nF/±10%/50V/X7R
0603
WALSIN
Ceramic Capacitor
C3, C6, C11
3
C1608X7R1H104K080AA
0.1
μF/±10%/50V/X7R
0603
TDK
Ceramic Capacitor
C8,C9,C12,C13
0
Not Installed
0603
L1
1
WE74437368047
4.7
μH/19A/±20%,
DCR=15mΩ, Inductor
11mmx10mmx3.8mm
WE
R1
1
75kΩ/±1%, Resistor
0603
R2
1
24kΩ/±1%, Resistor
0603
R3
1
13kΩ/±1%, Resistor
0603
R4
1
100kΩ/±1%, Resistor
0603
R5, D1, D2
0
Not Installed
R6, RCAMP
2
0Ω, Resistor
0603
RLIM
1
137kΩ/±1%, Resistor
0603
TP
4
Test Pin
GP
4
Golden Pin


Similar Part No. - RT7272BGSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7272B RICHTEK-RT7272B Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
More results

Similar Description - RT7272BGSP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com