Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT6296C Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT6296C
Description  The RT6296C is a high-efficiency
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6296C Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT6296C Datasheet HTML 1Page - Richtek Technology Corporation RT6296C Datasheet HTML 2Page - Richtek Technology Corporation RT6296C Datasheet HTML 3Page - Richtek Technology Corporation RT6296C Datasheet HTML 4Page - Richtek Technology Corporation RT6296C Datasheet HTML 5Page - Richtek Technology Corporation RT6296C Datasheet HTML 6Page - Richtek Technology Corporation RT6296C Datasheet HTML 7Page - Richtek Technology Corporation RT6296C Datasheet HTML 8Page - Richtek Technology Corporation RT6296C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT6296C
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6296C-00
May
2015
2
Pin Configurations
5
3
4
6
8
2
7
(TOP VIEW)
TSOT-23-8 (FC)
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
SS
Soft-Start Control Input. SS control the soft-start period. Connect a capacitor
from SS to GND to set the soft-start period.
2
VIN
Power Input. Support 4.5V to17V Input Voltage. Must bypass with a suitable
large ceramic capacitor at this pin.
3
SW
Switch Node. Connect to external L-C filter.
4
GND
System Ground.
5
BOOT
Bootstrap Supply for High-Side Gate Driver. Connect a 0.1
F ceramic
capacitor between the BOOT and SW pins.
6
EN/SYNC
Enable Control Input. High = Enable. Apply an external clock to adjust the
switching frequency. If using pull high resistor connected to VIN, the
recommended value range is 60k
 to 300k.
7
PVCC
5V Bias Supply Output. Connect a 0.1
F capacitor to ground.
8
FB
Feedback Voltage Input. The pin is used to set the output voltage of the
converter to regulate to the desired voltage via a resistive divider. Feedback
reference = 0.8V.


Similar Part No. - RT6296C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6296D RICHTEK-RT6296D Datasheet
790Kb / 13P
   The RT6296D is a high-efficiency
RT6296F RICHTEK-RT6296F Datasheet
813Kb / 12P
   The RT6296F is a high-efficiency
More results

Similar Description - RT6296C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7296C RICHTEK-RT7296C Datasheet
803Kb / 13P
   The RT7296C is a high-efficiency
RT6208 RICHTEK-RT6208 Datasheet
751Kb / 17P
   The RT6208 is a high-efficiency
RT6296D RICHTEK-RT6296D Datasheet
790Kb / 13P
   The RT6296D is a high-efficiency
RT6296F RICHTEK-RT6296F Datasheet
813Kb / 12P
   The RT6296F is a high-efficiency
RT8004A RICHTEK-RT8004A Datasheet
309Kb / 13P
   The RT8004A is a high efficiency synchronous
logo
HTC Korea TAEJIN Techno...
TJ9910 HTC-TJ9910 Datasheet
272Kb / 9P
   The TJ9910 is a PWM high-efficiency LED driver control IC
logo
Anaren Microwave
A1101R08C ANAREN-A1101R08C Datasheet
682Kb / 2P
   The A1101R08C is a high-performance
A2500R24A ANAREN-A2500R24A Datasheet
863Kb / 2P
   The A2500R24A is a high-performance
A1101R09C ANAREN-A1101R09C Datasheet
612Kb / 2P
   The A1101R09C is a high-performance
A2530E24CZ1 ANAREN-A2530E24CZ1 Datasheet
1Mb / 2P
   The A2530E24CZ1 is a high-performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com