Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2568 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT2568
Description  DDR Termination Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2568 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT2568 Datasheet HTML 1Page - Richtek Technology Corporation RT2568 Datasheet HTML 2Page - Richtek Technology Corporation RT2568 Datasheet HTML 3Page - Richtek Technology Corporation RT2568 Datasheet HTML 4Page - Richtek Technology Corporation RT2568 Datasheet HTML 5Page - Richtek Technology Corporation RT2568 Datasheet HTML 6Page - Richtek Technology Corporation RT2568 Datasheet HTML 7Page - Richtek Technology Corporation RT2568 Datasheet HTML 8Page - Richtek Technology Corporation RT2568 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RT2568
5
DS2568-01 March 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VOUT Source Current Limit ILIM_VOUT_SR
VOUT in PGOOD Window
3
4.5
--
A
VOUT Sink Current Limit
ILIM_VOUT_SK
VOUT in PGOOD Window
3
4.5
--
A
VOUT Discharge
Resistance
RDISCHARGE
VREFIN = 0V, VOUT = 0.3V,
VEN = 0V
--
18
25
Power Good Comparator
PGOOD Threshold
VTH_PGOOD
VSENSE lower threshold with
respect to REFOUT
--
20
--
%
VSENSE upper threshold with
respect to REFOUT
--
20
--
PGOOD Hysteresis
--
5
--
PGOOD Start-Up Delay
TPGDELAY1
Start-up rising delay, VSENSE
within PGOOD range
--
2
--
ms
Output Low Voltage
VLOW_PGOOD
IPGOOD = 4mA
--
--
0.4
V
PGOOD Falling Delay
TPGDELAY2
Falling delay, VSENSE is out of
PGOOD range
--
10
--
s
Leakage Current
ILEAKAGE _PGOOD
VSENSE = VREFIN (PGOOD high
impedance),
VPGOOD = VCNTL + 0.2V
--
--
1
A
REFIN and REFOUT
REFIN Input Current
IREFIN
VEN = VCNTL
--
--
1
A
REFIN Voltage Range
VREFIN
0.5
--
1.8
V
REFIN Under-Voltage
Lockout
VUVLO_REFIN
REFIN Rising
360
390
420
mV
Hysteresis
--
20
--
REFOUT Voltage Tolerance
to VREFIN
VTOL_REFOUT
10mA < IREFOUT < 10mA,
VREFIN = 0.75V
15
--
15
mV
10mA < IREFOUT < 10mA,
VREFIN = 0.675V
15
--
15
10mA < IREFOUT < 10mA,
VREFIN = 0.6V
15
--
15
REFOUT Source Current
Limit
ILIM_REFOUT_SR
VREFOUT = 0V
10
40
--
mA
REFOUT Sink Current Limit ILIM_REFOUT_SK
VREFOUT = REFIN + 1V
10
40
--
mA
UVLO/EN
UVLO Threshold
VUVLO_VCNTL
Rising
2.5
2.7
2.85
V
Hysteresis
--
120
--
mV
EN Input
Voltage
Logic-High
VIN_H
1.7
--
--
V
Logic-Low
VIN_L
--
--
0.3
Thermal Shutdown
Thermal Shutdown
Threshold
TSD
Shutdown Temperature
(Note 5)
--
160
--
°C
Hysteresis
(Note 5)
--
15
--


Similar Part No. - RT2568

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2568GQW RICHTEK-RT2568GQW Datasheet
828Kb / 8P
   The RT2568 is a sink/source tracking termination regulator
More results

Similar Description - RT2568

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
   DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
[Old version datasheet]   DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
   DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595 Datasheet
312Kb / 12P
   DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
   DDR Termination Regulator
logo
HTC Korea TAEJIN Techno...
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
   DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
   DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
   DDR Termination Regulator
G2993 GMT-G2993 Datasheet
232Kb / 10P
   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com