Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2517A Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT2517A
Description  The RT2517A is a high performance positive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2517A Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT2517A Datasheet HTML 1Page - Richtek Technology Corporation RT2517A Datasheet HTML 2Page - Richtek Technology Corporation RT2517A Datasheet HTML 3Page - Richtek Technology Corporation RT2517A Datasheet HTML 4Page - Richtek Technology Corporation RT2517A Datasheet HTML 5Page - Richtek Technology Corporation RT2517A Datasheet HTML 6Page - Richtek Technology Corporation RT2517A Datasheet HTML 7Page - Richtek Technology Corporation RT2517A Datasheet HTML 8Page - Richtek Technology Corporation RT2517A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RT2517A
4
DS2517A-00
March 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VIN ------------------------------------------------------------------------------------------------------
−0.3V to 7V
Other Pins -------------------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
VDFN-8AL 3x3 ------------------------------------------------------------------------------------------------------------- 1.667W
Package Thermal Resistance (Note 2)
VDFN-8AL 3x3,
θJA -------------------------------------------------------------------------------------------------------- 60°C/W
VDFN-8AL 3x3,
θJC ------------------------------------------------------------------------------------------------------- 7°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------------- 2kV
CDM (Charged Device Model) ------------------------------------------------------------------------------------------ 1kV
MM (Machine Model) ----------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ----------------------------------------------------------------------------------------------- 2.2V to 6V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
(VIN = 2.2V to 6V, IOUT = 10
μA to 1A, VADJ = VOUT, −40°C ≤ TA ≤ 85°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN = 3.3V, TA = 25C
1
--
1
Output Voltage
VOUT
2.2V
 V
IN  6V, 10mA  I
OUT  1A
2.5
--
2.5
%
Shutdown Current
ISHDN
VIN = 3.3V, VEN = 0V
--
0.1
--
A
Quiescent Current
IQ
VIN = 3.3V, IOUT = 0A
--
0.4
--
mA
Line Regulation
VLINE
IOUT = 10mA
--
0.01
--
%/V
Load Regulation
VLOAD IOUT = 10mA to 1A, VIN = 3.3V
--
0.5
--
%A
Current Limit
ILIM
VIN = 3.3V
1.05
1.6
--
A
Short-Circuit Current
ISC
VOUT = 0V
--
700
--
mA
Current Foldback Threshold
VFold
VIN = 3.3V
--
0.4
--
V
Dropout Voltage
VDROP
IOUT = 1A
--
150
300
mV
ADJ Reference Voltage
VADJ
VIN = 3.3V, VADJ = VOUT , IOUT = 10mA
TA = 25C
1.192
1.2
1.216
V
ADJ Current
IADJ
VIN = 3.3V
--
20
--
nA
f = 100Hz, IOUT = 1A
--
58
--
Power Supply Rejection Ratio
PSRR
f = 10kHz, IOUT = 1A
--
37
--
dB
Output Noise Voltage
eNO
COUT = 10F
--
27 x
VOUT
--
VRMS


Similar Part No. - RT2517A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT2512 ETC1-RT2512 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
YAGEO Corporation
RT2512 YAGEO-RT2512 Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT2512 YAGEO-RT2512 Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT2512 YAGEO-RT2512 Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT2512BKA07XRXXL YAGEO-RT2512BKA07XRXXL Datasheet
427Kb / 9P
   THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
More results

Similar Description - RT2517A

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A1101R08C ANAREN-A1101R08C Datasheet
682Kb / 2P
   The A1101R08C is a high-performance
A2500R24A ANAREN-A2500R24A Datasheet
863Kb / 2P
   The A2500R24A is a high-performance
logo
Richtek Technology Corp...
RT9038 RICHTEK-RT9038 Datasheet
157Kb / 9P
   The RT9038 is a high-performance
logo
Anaren Microwave
A1101R09C ANAREN-A1101R09C Datasheet
612Kb / 2P
   The A1101R09C is a high-performance
A2530E24CZ1 ANAREN-A2530E24CZ1 Datasheet
1Mb / 2P
   The A2530E24CZ1 is a high-performance
A2500R24C ANAREN-A2500R24C Datasheet
861Kb / 2P
   The A2500R24C is a high-performance
A2500R24A_EM1 ANAREN-A2500R24A_EM1 Datasheet
779Kb / 2P
   The A2500R24A-EM1 is a high-performance
A1101R09C-EM1 ANAREN-A1101R09C-EM1 Datasheet
709Kb / 2P
   The A1101R09C-EM1 is a high-performance
A2500R24C-EM1 ANAREN-A2500R24C-EM1 Datasheet
780Kb / 2P
   The A2500R24C-EM1 is a high-performance
A1101R08A-EM1 ANAREN-A1101R08A-EM1 Datasheet
737Kb / 2P
   The A1101R08A-EM1 is a high-performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com