Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSE-3000-48-B Datasheet(PDF) 3 Page - CUI INC

Part # PSE-3000-48-B
Description  AC-DC HOT-SWAP POWER SUPPLY
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSE-3000-48-B Datasheet(HTML) 3 Page - CUI INC

  PSE-3000-48-B Datasheet HTML 1Page - CUI INC PSE-3000-48-B Datasheet HTML 2Page - CUI INC PSE-3000-48-B Datasheet HTML 3Page - CUI INC PSE-3000-48-B Datasheet HTML 4Page - CUI INC PSE-3000-48-B Datasheet HTML 5Page - CUI INC PSE-3000-48-B Datasheet HTML 6Page - CUI INC PSE-3000-48-B Datasheet HTML 7Page - CUI INC PSE-3000-48-B Datasheet HTML 8Page - CUI INC PSE-3000-48-B Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
cui.com
date 07/22/2015
│ page 3 of 19
CUI Inc
│ SERIES: PSE-3000 │ DESCRIPTION: AC-DC HOT-SWAP POWER SUPPLY
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
insulation safety rating / test
voltage
input to output, reinforced
input to chassis, basic
3,000
1,500
Vrms
Vrms
isolation voltage
output to output
output to chassis
signals to chassis/ground
V2 to chassis/ground
1,500
1,500
1,500
100
Vrms
Vrms
Vdc
Vdc
grounding
The main output V1 is “floating” and not
referenced to chassis/ground.The output control
and status signals are referenced to the V2 output
return connection.
safety approvals
EN60950-1:2006+A11+A1+A12, IEC60950-
1:2005+Amd 1, CAN/CSA-C22.2 No.60950-1-
07+A1:2011, UL 60950-1:2007 R12.11(NRTL
Route), EEC/93/68/LVD, 2006/95/EC LVD
conducted emissions
FCC 15 Sub Part B, EN55022, Class A: 3dB margin
tested with resistive load
radiated emissions
FCC 15 Sub Part B, EN55022, Class A: 3dB margin
tested with resistive load
harmonic compliance
EN/IEC 61000-3-2:2009, Class A Harmonic Limits
Compliance Level: 230 Vac line voltage; 100%
output load
flicker
EN/IEC 61000-3-3:2009 limits as specified in the
standard: flicker and voltage fluctuations
electrostatic discharge
EN/IEC 61000-4-2, ±8 kV operational air
discharge, ±8 kV contact discharge: all parameters
to remain within limits, test set up to be defined
RF electro-magnetic field.
amplitude modulated
EN/IEC 61000-4-3 80~1000 MHz, 10V/m, 80%
AM Modulation (1 kHz): all parameters to remain
within limits, test set up to be defined
immunity to fast
transients
EN/IEC 61000-4-4 Power lines: ±2 kV: all
parameters to remain within limits, test set up to
be defined
surges (mains)
EN/IEC 61000-4-5 ±1 kV line to line, ±2 kV line to
earth, Criteria A: all parameters to remain within
limits, test set up to be defined
RF continuous
conducted
EN/IEC 61000-4-6 150 kHz~80 MHz 3Vrms 80%
AM (1 kHz), Criteria A: all parameters to remain
within limits, test set up to be defined
voltage dips/
interruptions
IEC 61000-4-11 30% reduction for 10 ms, 60%
reduction for 100 ms: Reset is permitted must be
selfrecovering. Additionally, the PSU shall not latch
up during any brownout condition.
MTBF
as per Telcordia SR-332, Issue 2, Sept 2006
component stress method at Ta=25°C
916,000
hours
RoHS
2011/65/EU
WEEE
2012/19/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
full load, no derating
0
50
°C
storage temperature
non-condensing
-40
70
°C
operating humidity
non-condensing
10
90
%
storage humidity
5
90
%
For more information, please visit the product page.


Similar Part No. - PSE-3000-48-B

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSE-3000-48-B CUI-PSE-3000-48-B Datasheet
1Mb / 19P
   AC-DC HOT-SWAP POWER SUPPLY
More results

Similar Description - PSE-3000-48-B

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSA-1100 CUI-PSA-1100_15 Datasheet
488Kb / 11P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-800 CUI-PSE-800_15 Datasheet
306Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1000 CUI-PSE-1000_15 Datasheet
313Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSA-1100 CUI-PSA-1100 Datasheet
571Kb / 11P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1000 CUI-PSE-1000_V01 Datasheet
340Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
06/10/2016
PSE-1200 CUI-PSE-1200_15 Datasheet
323Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PFR-2100 CUI-PFR-2100_15 Datasheet
289Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1800 CUI-PSE-1800_15 Datasheet
307Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-3000 CUI-PSE-3000 Datasheet
1Mb / 19P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-850 CUI-PSE-850_15 Datasheet
375Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com