Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSE-800 Datasheet(PDF) 2 Page - CUI INC

Part # PSE-800
Description  AC-DC HOT-SWAP POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSE-800 Datasheet(HTML) 2 Page - CUI INC

  PSE-800_15 Datasheet HTML 1Page - CUI INC PSE-800_15 Datasheet HTML 2Page - CUI INC PSE-800_15 Datasheet HTML 3Page - CUI INC PSE-800_15 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
date 05/06/2015
│ page 2 of 4
CUI Inc
│ SERIES: PSE-800 │ DESCRIPTION: AC-DC HOT-SWAP POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
50
60
Hz
current
at 90 Vac, full load
11
A
inrush current
half cycle, cold start, 25°C
at 115 Vac, 60 Hz
at 230 Vac, 50 Hz
20
40
A
A
leakage current
1.5
mArms
power factor correction
0.95
0.98
OUTPUT - V1 (MAIN OUTPUT)
parameter
conditions/description
min
typ
max
units
total regulation
±3
%
transient response
25% step load, 1A/µs slew rate, recovery to 1%
within 1 ms
3
%
hold-up time
at full load
in redundant operation
12
20
ms
ms
OUTPUT - V2 (STANDBY OUTPUT)
parameter
conditions/description
min
typ
max
units
output voltage
3.3
Vdc
output current
0
0.5
A
ripple and noise
33
mVp-p
total regulation
±2.5
%
STATUS & CONTROL
parameter
conditions/description
min
typ
max
units
I2C interface
SCL 100 kHz clock rate, SDA data line
remote sense
main output
remote enable
“active low” enables main output, last-mate/
first-break enable pin
current share
droop share; active current share option
status
AC OK, DC OK and OTP_OK (open collector, active
“low” = OK); and PS_PRESENT
LED indicator
AC OK & DC OK indicators
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
V1
V2
115
60
Vdc
%
over current protection
latching, shutdown after 2 s
120
%
over temperature protection
output shut down, auto recovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
safety approvals
cTUVus UL60950-1, CE (LVD)
emissions
FCC 15 Sub Part J, Class A, EN55022 Class A, VCCI Class A
harmonic compliance
EN61000-3-2 Class A
surges (mains)
IEC/EN 61000-4-5
voltage dips/interruptions
IEC/EN 61000-4-11
For more information, please visit the product page.


Similar Part No. - PSE-800_15

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSE-850 CUI-PSE-850_15 Datasheet
375Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
More results

Similar Description - PSE-800_15

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSA-1100 CUI-PSA-1100_15 Datasheet
488Kb / 11P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1000 CUI-PSE-1000_15 Datasheet
313Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSA-1100 CUI-PSA-1100 Datasheet
571Kb / 11P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1000 CUI-PSE-1000_V01 Datasheet
340Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
06/10/2016
PSE-1200 CUI-PSE-1200_15 Datasheet
323Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PFR-2100 CUI-PFR-2100_15 Datasheet
289Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1800 CUI-PSE-1800_15 Datasheet
307Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-3000 CUI-PSE-3000 Datasheet
1Mb / 19P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-850 CUI-PSE-850_15 Datasheet
375Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-3000 CUI-PSE-3000_15 Datasheet
1Mb / 19P
   AC-DC HOT-SWAP POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com