Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBK-3-5 Datasheet(PDF) 7 Page - CUI INC

Part # PBK-3-5
Description  AC-DC POWER SUPPLY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBK-3-5 Datasheet(HTML) 7 Page - CUI INC

  PBK-3-5 Datasheet HTML 1Page - CUI INC PBK-3-5 Datasheet HTML 2Page - CUI INC PBK-3-5 Datasheet HTML 3Page - CUI INC PBK-3-5 Datasheet HTML 4Page - CUI INC PBK-3-5 Datasheet HTML 5Page - CUI INC PBK-3-5 Datasheet HTML 6Page - CUI INC PBK-3-5 Datasheet HTML 7Page - CUI INC PBK-3-5 Datasheet HTML 8Page - CUI INC PBK-3-5 Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
cui.com
date
03/25/2014 │ page 7 of 9
CUI Inc
│ SERIES: PBK-3 │ DESCRIPTION: AC-DC POWER SUPPLY
TEST CONFIGURATION
Figure 1
Table 1
Recommended External Circuit Components
V
OUT
(Vdc)
C11
C21
L11
C31
C4
CY0
(Y1
capacitor)
3.3
22μF/400V 330μF/25V 2.2μH 120μF/25V 0.1μF/50V 1nF/400Vac
522μF/400V 330μF/25V 2.2μH68μF/35V
0.1μF/50V 1nF/400Vac
922μF/400V 330μF/25V 2.2μH68μF/35V
0.1μF/50V 1nF/400Vac
12
22μF/400V 150μF/35V 2.2μH68μF/35V
0.1μF/50V 1nF/400Vac
15
22μF/400V 150μF/35V 2.2μH68μF/35V
0.1μF/50V 1nF/400Vac
24
22μF/400V 100μF/35V 2.2μH68μF/35V
0.1μF/50V 1nF/400Vac
Co p p e r sh e e t
C o nn ec t Os c illo gr ap h P ro be
AC -D C
+Vo
-Vo
FU SE
C2
C3
CY0
L1
C4
C1
Note:
1. Required components.
2. 1 A/250 V fuse required.
Front View
Top View
PCB Layout
Bottom View
Side View
MECHANICAL DRAWING (CONTINUED)
units: mm[inch]
tolerance: ±0.5[±0.020]
pin tolerance: ±0.1[±0.004]
RIGHT-ANGLE ORIENTATION (ALL OTHER MODELS)
PIN CONNECTIONS
PIN
FUNCTION
1
-Vin (N)
3
+Vin (L)
5
+V(CAP)
7
-V(CAP)
10
-Vo
12
+Vo
Note: 1. It is required to add C1 between
pins 5 & 7 (see application circuits).
For more information, please visit the product page.


Similar Part No. - PBK-3-5

ManufacturerPart #DatasheetDescription
logo
CUI INC
PBK-3-5 CUI-PBK-3-5 Datasheet
368Kb / 6P
   AC-DC POWER SUPPLY
PBK-3-5 CUI-PBK-3-5 Datasheet
746Kb / 9P
   up to 3 W continuous output
More results

Similar Description - PBK-3-5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com