Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTA1070 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTA1070
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1070 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTA1070 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1070 Datasheet HTML 2Page - KEC(Korea Electronics) KTA1070 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1999. 11. 30
2/3
KTA1070
Revision No : 1
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I - V
-0.05
-10
-3
-1
-0.5
COLLECTOR CURRENT I
(mA)
C
V
- I
h
- I
C
COLLECTOR CURRENT I
(mA)
-0.5
-1
-3
-10
10
BASE-EMITTER VOLTAGE V
(V)
0
0
BE
I
- V
CBE
COLLECTOR CURRENT I
(mA)
-0.5
-1
-3
-10
C
V
- I
-2
-4
-6
-8
-10
-4
-8
-12
-16
-20
COMMON EMITTER
Ta=25 C
I =-20
µA
B
I =-40
µA
B
I =-60
µA
B
I =-80
µA
B
I =-100
µA
B
I =-120
µA
B
-0.2
-0.4
-0.6
-0.8
-1.0
-20
-40
-60
-80
-100
-120
COMMON EMITTER
V
=-10V
CE
FE
C
-30
-200
30
50
100
300
500
1k
COMMON EMITTER
V
=-5V
CE
CE(sat)
C
-30
-100
-0.1
-0.3
-0.5
-1
-3
-5
COMMON EMITTER
I /I =10
Ta=25 C
C B
COLLECTOR CURRENT I
(mA)
10
30
100
50
C
300
1k
500
f - I
TC
BE(sat)
C
-30
-100
-200
-0.3
-0.5
-1
-3
-5
-10
COMMON EMITTER
I /I =10
Ta=25 C
C B
-100
Ta=75 C
Ta=25 C
Ta=-25 C
-30
-1
-0.5
-10
-3
-200
-100
CE
V
=-30V
Ta=25 C
COMMON EMITTER


Similar Part No. - KTA1070

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1070 KEC-KTA1070 Datasheet
341Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH-DEFINITION CRT DISPLAY VIDEO OUTPUT)
logo
Guangdong Kexin Industr...
KTA1070-O KEXIN-KTA1070-O Datasheet
1Mb / 3P
   PNP Transistors
KTA1070-Y KEXIN-KTA1070-Y Datasheet
1Mb / 3P
   PNP Transistors
KTA1070 KEXIN-KTA1070_15 Datasheet
1Mb / 3P
   PNP Transistors
More results

Similar Description - KTA1070

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com