Electronic Components Datasheet Search |
|
KTA708 Datasheet(PDF) 1 Page - KEC(Korea Electronics) |
|
KTA708 Datasheet(HTML) 1 Page - KEC(Korea Electronics) |
1 / 3 page 2010. 3. 24 1/3 SEMICONDUCTOR TECHNICAL DATA KTA708 EPITAXIAL PLANAR PNP TRANSISTOR Revision No : 3 VOLTAGE REGULATOR, RELAY, LAMP DRIVER, INDUSTRIAL USE FEATURES ・High Voltage : V CEO=-60V(Min.). ・High Current : I C(Max.)=-1A. ・High Transition Frequency : f T=150MHz(Typ.). ・Wide Area of Safe Operation. ・Complementary to KTC1008. MAXIMUM RATING (Ta=25℃) TO-92 DIM MILLIMETERS A B C D F G H J K L 4.70 MAX 4.80 MAX 3.70 MAX 0.45 1.00 1.27 0.85 0.45 14.00 0.50 0.55 MAX 2.30 D 1 2 3 B K G H F F E C E N 0.45 MAX M 1.00 N 1. EMITTER 2. COLLECTOR 3. BASE +_ ELECTRICAL CHARACTERISTICS (Ta=25¡ ) CHARACTERISTIC SYMBOL RATING UNIT Collector-Base Voltage VCBO -80 V Collector-Emitter Voltage VCEO -60 V Emitter-Base Voltage VEBO -5 V Collector Current DC IC -1 A Pulse ICP -2 Collector Power Dissipation PC 625 mW Junction Temperature Tj 150 ℃ Storage Temperature Range Tstg -55¡›150 ℃ CHARACTERISTIC SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Collector Cut-off Current ICBO VCB=-50V, IE=0 - - -100 nA Emitter Cut-off Current IEBO VEB=-4V, IC=0 - - -100 nA DC Current Gain hFE(1) VCE=-2V, IC=-50mA 60 - 200 hFE(2) VCE=-2V, IC=-1A 30 - - Collector-Emitter Breakdown Voltage V(BR)CEO IC=-1mA, IB=0 -60 - - V Collector-Emitter Saturation Voltage VCE(sat) IC=-500mA, IB=-50mA - -0.2 -0.7 V Base-Emitter Saturation Voltage VBE(sat) IC=-500mA, IB=-50mA - -0.85 -1.2 V Transition Frequency fT VCE=-10V, IC=-50mA - 150 - MHz Collector Output Capacitance Cob VCB=-10V, IE=0, f=1MHz - 12 - pF Note : hFE(1) Classification O:60~120, Y:100~200 |
Similar Part No. - KTA708 |
|
Similar Description - KTA708 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |