Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KN2222A Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part No. KN2222A
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KN2222A Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KN2222A Datasheet HTML 1Page - KEC(Korea Electronics) KN2222A Datasheet HTML 2Page - KEC(Korea Electronics) KN2222A Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1996. 1. 28
1/3
SEMICONDUCTOR
TECHNICAL DATA
KN2222/A
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 0
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
FEATURES
Low Leakage Current
: ICEX=10nA(Max.) ; VCE=60V, VEB(OFF)=3V.
Low Saturation Voltage
: VCE(sat)=0.3V(Max.) ; IC=150mA, IB=15mA.
Complementary to the KN2907/2907A.
MAXIMUM RATING (Ta=25
)
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
3. COLLECTOR
2. BASE
+
_
CHARACTERISTIC
SYMBOL
RATING
UNIT
KN2222
KN2222A
Collector-Base Voltage
VCBO
60
75
V
Collector-Emitter Voltage
VCEO
30
40
V
Emitter-Base Voltage
VEBO
5
6
V
Collector Current
IC
600
mA
Collector Power Dissipation
(Ta=25
)
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn