Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KN2222A Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part No. KN2222A
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KN2222A Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KN2222A Datasheet HTML 1Page - KEC(Korea Electronics) KN2222A Datasheet HTML 2Page - KEC(Korea Electronics) KN2222A Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1996. 1. 28
3/3
KN2222/A
Revision No : 0
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
0
30
10
3
1
COLLECTOR-BASE VOLTAGE V
(V)
CB
C
- V
h
- I
C
COLLECTOR CURRENT I
(mA)
1
3
10
30
1k
10
COLLECTOR CURRENT I
(mA)
3
1
30
10
C
V
, V
- I
FE
C
300
1k
30
50
100
300
500
100
V
=10V
CE
BE(sat)
CE(sat)
C
100
300
1k
0.01
0.03
0.05
0.1
0.3
0.5
1
3
5
10
VBE(sat)
CE(sat)
V
ob
CB
100
200
25
50
75
100
125
150
175
100
200
300
400
500
600
700
I /I =10
C B
2
4
6
8
12
I =0
f=1MHz
E
10


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn