Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTP5902-WHM Datasheet(PDF) 10 Page - Linear Technology

Part # LTP5902-WHM
Description  SmartMesh WirelessHART Node Wireless Mote Module
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5902-WHM Datasheet(HTML) 10 Page - Linear Technology

Back Button LTP5902-WHM_15 Datasheet HTML 6Page - Linear Technology LTP5902-WHM_15 Datasheet HTML 7Page - Linear Technology LTP5902-WHM_15 Datasheet HTML 8Page - Linear Technology LTP5902-WHM_15 Datasheet HTML 9Page - Linear Technology LTP5902-WHM_15 Datasheet HTML 10Page - Linear Technology LTP5902-WHM_15 Datasheet HTML 11Page - Linear Technology LTP5902-WHM_15 Datasheet HTML 12Page - Linear Technology LTP5902-WHM_15 Datasheet HTML 13Page - Linear Technology LTP5902-WHM_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTP5901-WHM/LTP5902-WHM
10
59012whmf
For more information www.linear.com/LTP5901-WHM or www.linear.com/LTP5902-WHM
raDio inHibiT ac cHaracTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tRADIO_OFF
Delay from Rising Edge of RADIO_INHIBIT to
Radio Disabled
l
20
ms
tRADIO_INHIBIT_STROBE Maximum RADIO_INHIBIT Strobe Width
l
2
s
The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted. (Note 13)
tRESPONSE
tSTROBE
UART_TX
TIMEN
tTIME_HOLD
59012 F02
TIME INDICATION PAYLOAD
tRADIO_INHIBIT_STROBE
tRADIO_OFF
RADIO_INHIBIT
RADIO STATE
ACTIVE/OFF
OFF
59012 F03
ACTIVE/OFF
Figure 2. Timestamp Timing
Figure 3. RADIO_INHIBIT Timing
TiMen ac cHaracTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSTROBE
TIMEn Signal Strobe Width
l
125
µs
tRESPONSE
Delay from Rising Edge of TIMEn to the Start
of Time Packet on API UART
l
0
100
ms
tTIME_HOLD
Delay from End of Time Packet on API UART
to Falling Edge of Subsequent TIMEn
l
0
ns
Timestamp Resolution (Note 10)
l
1
µs
Network-Wide Time Accuracy (Note 11)
l
±5
µs
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted. (Note 13)


Similar Part No. - LTP5902-WHM_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTP5902-WHM LINER-LTP5902-WHM Datasheet
832Kb / 29P
   2.4 GHz 802.15.4 EternaTM Mote Module
More results

Similar Description - LTP5902-WHM_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5800-WHM LINER-LTC5800-WHM_15 Datasheet
1Mb / 32P
   SmartMesh WirelessHART Node Wireless Mote
LTP5900-WHM LINER-LTP5900-WHM_15 Datasheet
1Mb / 16P
   SmartMesh WirelessHART Node Wireless Mote Module
LTP5901-WHM LINER-LTP5901-WHM_15 Datasheet
2Mb / 32P
   SmartMesh WirelessHART Node Wireless Mote Module
LTP5901-WHM LINER-LTP5901-WHM Datasheet
1Mb / 32P
   SmartMesh WirelessHART Node Wireless Mote Module
LTP5902-IPM LINER-LTP5902-IPM_15 Datasheet
732Kb / 32P
   SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
LTP5901-IPM LINER-LTP5901-IPM Datasheet
723Kb / 36P
   SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
LTP5901-IPM LINER-LTP5901-IPM_15 Datasheet
732Kb / 32P
   SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
LTC5800-IPM LINER-LTC5800-IPM_15 Datasheet
1Mb / 32P
   SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote-on-Chip
LTP5903-WHR LINER-LTP5903-WHR_15 Datasheet
842Kb / 20P
   SmartMesh WirelessHART Network Manager Wireless Embedded Network Manager
logo
Advantech Co., Ltd.
WISE-1021 ADVANTECH-WISE-1021 Datasheet
457Kb / 2P
   Wireless IoT Node
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com