Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTP5901-IPM Datasheet(PDF) 1 Page - Linear Technology

Part # LTP5901-IPM
Description  SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPM Datasheet(HTML) 1 Page - Linear Technology

  LTP5901-IPM_15 Datasheet HTML 1Page - Linear Technology LTP5901-IPM_15 Datasheet HTML 2Page - Linear Technology LTP5901-IPM_15 Datasheet HTML 3Page - Linear Technology LTP5901-IPM_15 Datasheet HTML 4Page - Linear Technology LTP5901-IPM_15 Datasheet HTML 5Page - Linear Technology LTP5901-IPM_15 Datasheet HTML 6Page - Linear Technology LTP5901-IPM_15 Datasheet HTML 7Page - Linear Technology LTP5901-IPM_15 Datasheet HTML 8Page - Linear Technology LTP5901-IPM_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTP5901-IPM/LTP5902-IPM
1
59012ipmf
For more information www.linear.com/LTP5901-IPM or www.linear.com/LTP5902-IPM
Typical applicaTion
neTwork FeaTures
DescripTion
SmartMesh IP Node 2.4GHz
802.15.4e Wireless Mote Module
SmartMesh IP™ wireless sensor networks are self man-
aging, low power Internet Protocol (IP) networks built
from wireless nodes called motes. The LTP™5901-IPM/
LTP5902-IPM is the IP mote product in the Eterna®* family
ofIEEE802.15.4eprintedcircuitboardassemblysolutions,
featuring a highly-integrated, low power radio design by
Dust Networks® as well as an ARM Cortex-M3 32-bit
microprocessor running Dust’s embedded SmartMesh IP
networking software. Both the LTP5901-IPM (with chip
antenna), at 24mm × 42mm, and the LTP5902-IPM (with
MMCX connector), at 24mm × 37mm, are designed for
surface mount assembly.
With Dust’s time-synchronized SmartMesh IP networks,
all motes in the network may route, source or terminate
data, while providing many years of battery powered
operation. The SmartMesh IP software provided with the
LTP5901-IPM/LTP5902-IPM is fully tested and validated,
and is readily configured via a software Application Pro-
gramming Interface.
SmartMesh IP motes deliver a highly flexible network
with proven reliability and low power performance in an
easy-to-integrate platform.
lTp5901-ipM/lTp5902-ipM
FeaTures
n
Complete Radio Transceiver, Embedded Processor,
and Networking Software for Forming a Self-Healing
Mesh Network
n
SmartMesh® Networks Incorporate:
n
Time Synchronized Network-Wide Scheduling
n
Per Transmission Frequency Hopping
n
Redundant Spatially Diverse Topologies
n
Network-Wide Reliability and Power Optimization
n
NIST Certified Security
n
SmartMesh Networks Deliver:
n
>99.999% Network Reliability Achieved in the
Most Challenging RF Environments
n
Sub 50µA Routing Nodes
n
Compliant to 6LoWPAN Internet Protocol (IP) and
IEEE 802.15.4e Standards
n
Industry-Leading Low Power Radio Technology With:
n
4.5mA to Receive a Packet
n
5.4mA to Transmit at 0dBm
n
9.7mA to Transmit at 8dBm
n
RF Modular Certification Include USA, Canada, EU,
Japan, Taiwan, Korea, India, Australia and New Zealand
n
PCB Assembly with Chip Antenna (LTP5901-IPM) or
with MMCX Antenna Connector (LTP5902-IPM). QFN
Version (LTC®5800-IPM) Available
L
, LT, LTC, LTM, Linear Technology, the Linear logo, Dust, Dust Networks, SmartMesh and
Eterna are registered trademarks and LTP, the Dust Networks logo and SmartMesh IP are
trademarks of Linear Technology Corporation. All other trademarks are the property of their
respective owners. Protected by U.S. Patents, including 7375594, 7420980, 7529217, 7791419,
7881239, 7898322, 8222965.
* Eterna is Dust Networks’ low power radio SoC architecture.
59012ipm TA01
µCONTROLLER
SENSOR
IN+
IN–
SPI
LTC2379-18
LTP5901-IPR/
LTP5902-IPR
UART
ANTENNA
HOST
APPLICATION
UART
LTP5901-IPM


Similar Part No. - LTP5901-IPM_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTP5901-IPM LINER-LTP5901-IPM Datasheet
723Kb / 36P
   SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
More results

Similar Description - LTP5901-IPM_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTP5902-IPM LINER-LTP5902-IPM_15 Datasheet
732Kb / 32P
   SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
LTP5901-IPM LINER-LTP5901-IPM Datasheet
723Kb / 36P
   SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
LTC5800-IPM LINER-LTC5800-IPM_15 Datasheet
1Mb / 32P
   SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote-on-Chip
LTC5800-WHM LINER-LTC5800-WHM_15 Datasheet
1Mb / 32P
   SmartMesh WirelessHART Node Wireless Mote
LTP5900-WHM LINER-LTP5900-WHM_15 Datasheet
1Mb / 16P
   SmartMesh WirelessHART Node Wireless Mote Module
LTP5901-WHM LINER-LTP5901-WHM_15 Datasheet
2Mb / 32P
   SmartMesh WirelessHART Node Wireless Mote Module
LTP5902-WHM LINER-LTP5902-WHM_15 Datasheet
2Mb / 32P
   SmartMesh WirelessHART Node Wireless Mote Module
LTP5901-WHM LINER-LTP5901-WHM Datasheet
1Mb / 32P
   SmartMesh WirelessHART Node Wireless Mote Module
LTC5800-IPR LINER-LTC5800-IPR_15 Datasheet
1Mb / 36P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Manager
LTP5902-IPR LINER-LTP5902-IPR_15 Datasheet
1Mb / 32P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com