Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM9011-14 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM9011-14
Description  14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9011-14 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM9011-14_15 Datasheet HTML 2Page - Linear Technology LTM9011-14_15 Datasheet HTML 3Page - Linear Technology LTM9011-14_15 Datasheet HTML 4Page - Linear Technology LTM9011-14_15 Datasheet HTML 5Page - Linear Technology LTM9011-14_15 Datasheet HTML 6Page - Linear Technology LTM9011-14_15 Datasheet HTML 7Page - Linear Technology LTM9011-14_15 Datasheet HTML 8Page - Linear Technology LTM9011-14_15 Datasheet HTML 9Page - Linear Technology LTM9011-14_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LTM9011-14/
LTM9010-14/LTM9009-14
6
9009101114fb
For more information www.linear.com/LTM9011-14
POWER REQUIREMENTS The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 9)
SYMBOL PARAMETER
CONDITIONS
LTM9011-14
LTM9010-14
LTM9009-14
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VDD
Analog Supply Voltage
(Note 10)
l
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
OVDD
Output Supply Voltage
(Note 10)
l
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
IVDD
Analog Supply Current
Sine Wave Input
l
582
632
476
508
395
450
mA
IOVDD
Digital Supply Current
2-Lane Mode, 1.75mA Mode
2-Lane Mode, 3.5mA Mode
l
l
54
98
62
108
52
96
62
106
50
94
58
104
mA
mA
PDISS
Power Dissipation
2-Lane Mode, 1.75mA Mode
2-Lane Mode, 3.5mA Mode
l
l
1145
1224
1249
1332
950
1030
1026
1105
801
880
914
997
mW
mW
PSLEEP
Sleep Mode Power
2
2
2
mW
PNAP
Nap Mode Power
170
170
170
mW
PDIFFCLK Power Decrease With Single-Ended Encode Mode Enabled
(No Decrease for Sleep Mode)
40
40
40
mW
TIMING CHARACTERISTICS The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL PARAMETER
CONDITIONS
LTM9011-14
LTM9010-14
LTM9009-14
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
fS
Sampling Frequency
(Notes 10,11)
l
5
125
5
105
5
80
MHz
tENCL
ENC Low Time (Note 8) Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
3.8
2
4
4
100
100
4.52
2
4.76
4.76
100
100
5.93
2
6.25
6.25
100
100
ns
ns
tENCH
ENC High Time (Note 8) Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
3.8
2
4
4
100
100
4.52
2
4.76
4.76
100
100
5.93
2
6.25
6.25
100
100
ns
ns
tAP
Sample-and-Hold
Acquisition Delay Time
0
0
0
ns
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Data Outputs (RTERM = 100Ω Differential, CL = 2pF to GND on Each Output)
tSER
Serial Data Bit Period
2-Lanes, 16-Bit Serialization
2-Lanes, 14-Bit Serialization
2-Lanes, 12-Bit Serialization
1-Lane, 16-Bit Serialization
1-Lane, 14-Bit Serialization
1-Lane, 12-Bit Serialization
1/(8 • fS)
1/(7 • fS)
1/(6 • fS)
1/(16 • fS)
1/(14 • fS)
1/(12 • fS)
s
s
s
s
s
s
tFRAME
FR to DCO Delay
(Note 8)
l
0.35 • tSER
0.5 • tSER
0.65 • tSER
s
tDATA
DATA to DCO Delay
(Note 8)
l
0.35 • tSER
0.5 • tSER
0.65 • tSER
s
tPD
Propagation Delay
(Note 8)
l
0.7n + 2 • tSER 1.1n + 2 • tSER 1.5n + 2 • tSER
s
tR
Output Rise Time
Data, DCO, FR, 20% to 80%
0.17
ns
tF
Output Fall Time
Data, DCO, FR, 20% to 80%
0.17
ns
DCO Cycle-Cycle Jitter
tSER = 1ns
60
psP-P
Pipeline Latency
6
Cycles


Similar Part No. - LTM9011-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9011-14 LINER-LTM9011-14 Datasheet
455Kb / 36P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTM9011-14 LINER-LTM9011-14 Datasheet
1Mb / 28P
   Quad 14-Bit, 125Msps ADC with Integrated Drivers
LTM9011-14 LINER-LTM9011-14 Datasheet
743Kb / 36P
   14-Bit, 65Msps/40Msps/25Msps Low Power Octal ADCs
More results

Similar Description - LTM9011-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9010-14 LINER-LTM9010-14_15 Datasheet
1Mb / 40P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTM9009-14 LINER-LTM9009-14_15 Datasheet
1Mb / 40P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTM9009-14 LINER-LTM9009-14 Datasheet
455Kb / 36P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTC2267-14 LINER-LTC2267-14_15 Datasheet
688Kb / 32P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2175-14 LINER-LTC2175-14 Datasheet
578Kb / 32P
   14-Bit, 125Msps/105Msps/80Msps Low Power Quad ADCs
LTC2145-14 LINER-LTC2145-14_15 Datasheet
657Kb / 38P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2143-14 LINER-LTC2143-14_15 Datasheet
657Kb / 38P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2173-14 LINER-LTC2173-14_15 Datasheet
858Kb / 34P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
LTC2174-14 LINER-LTC2174-14_15 Datasheet
858Kb / 34P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
LTC2268-14 LINER-LTC2268-14 Datasheet
446Kb / 32P
   14-Bit, 125Msps/105Msps/80Msps Low Power Dual ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com