Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM9007-14 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM9007-14
Description  14-Bit, 65Msps/40Msps/ 25Msps Low Power Octal ADCs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9007-14 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM9007-14_15 Datasheet HTML 2Page - Linear Technology LTM9007-14_15 Datasheet HTML 3Page - Linear Technology LTM9007-14_15 Datasheet HTML 4Page - Linear Technology LTM9007-14_15 Datasheet HTML 5Page - Linear Technology LTM9007-14_15 Datasheet HTML 6Page - Linear Technology LTM9007-14_15 Datasheet HTML 7Page - Linear Technology LTM9007-14_15 Datasheet HTML 8Page - Linear Technology LTM9007-14_15 Datasheet HTML 9Page - Linear Technology LTM9007-14_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LTM9008-14/
LTM9007-14/LTM9006-14
6
90067814fa
For more information www.linear.com/LTM9008-14
power requireMenTs The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 9)
SYMBOL PARAMETER
CONDITIONS
LTM9008-14
LTM9007-14
LTM9006-14
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VDD
Analog Supply Voltage
(Note 10)
l
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
OVDD
Output Supply Voltage
(Note 10)
l
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
IVDD
Analog Supply Current
Sine Wave Input
l
357
400
232
275
175
250
mA
IOVDD
Digital Supply Current
1-Lane Mode, 1.75mA Mode
1-Lane Mode, 3.5mA Mode
2-Lane Mode, 1.75mA Mode
2-Lane Mode, 3.5mA Mode
l
l
32
60
50
94
58
104
32
58
48
92
54
102
30
56
48
90
54
100
mA
mA
mA
mA
PDISS
Power Dissipation
1-Lane Mode, 1.75mA Mode
1-Lane Mode, 3.5mA Mode
2-Lane Mode, 1.75mA Mode
2-Lane Mode, 3.5mA Mode
l
l
700
751
733
812
824
907
475
522
504
583
592
679
369
416
401
477
547
630
mW
mW
mW
mW
PSLEEP
Sleep Mode Power
2
2
2
mW
PNAP
Nap Mode Power
170
170
170
mW
PDIFFCLK Power Decrease With Single-Ended Encode Mode Enabled
(No Decrease for Sleep Mode)
40
40
40
mW
TiMing characTerisTics The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL PARAMETER
CONDITIONS
LTM9008-14
LTM9007-14
LTM9006-14
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
fS
Sampling Frequency
(Notes 10,11)
l
5
65
5
40
5
25
MHz
tENCL
ENC Low Time (Note 8) Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
7.3
2
7.69
7.69
100
100
11.88
2
12.5
12.5
100
100
19
2
20
20
100
100
ns
ns
tENCH
ENC High Time (Note 8) Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
7.3
2
7.69
7.69
100
100
11.88
2
12.5
12.5
100
100
19
2
20
20
100
100
ns
ns
tAP
Sample-and-Hold
Acquisition Delay Time
0
0
0
ns
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Data Outputs (RTERM = 100Ω Differential, CL = 2pF to GND on Each Output)
tSER
Serial Data Bit Period
2-Lanes, 16-Bit Serialization
2-Lanes, 14-Bit Serialization
2-Lanes, 12-Bit Serialization
1-Lane, 16-Bit Serialization
1-Lane, 14-Bit Serialization
1-Lane, 12-Bit Serialization
1/(8 • fS)
1/(7 • fS)
1/(6 • fS)
1/(16 • fS)
1/(14 • fS)
1/(12 • fS)
s
s
s
s
s
s
tFRAME
FR to DCO Delay
(Note 8)
l
0.35 • tSER
0.5 • tSER
0.65 • tSER
s
tDATA
DATA to DCO Delay
(Note 8)
l
0.35 • tSER
0.5 • tSER
0.65 • tSER
s
tPD
Propagation Delay
(Note 8)
l
0.7n + 2 • tSER 1.1n + 2 • tSER 1.5n + 2 • tSER
s
tR
Output Rise Time
Data, DCO, FR, 20% to 80%
0.17
ns
tF
Output Fall Time
Data, DCO, FR, 20% to 80%
0.17
ns
DCO Cycle-Cycle Jitter
tSER = 1ns
60
psP-P
Pipeline Latency
6
Cycles


Similar Part No. - LTM9007-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9007-14 LINER-LTM9007-14 Datasheet
743Kb / 36P
   14-Bit, 65Msps/40Msps/25Msps Low Power Octal ADCs
More results

Similar Description - LTM9007-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9008-14 LINER-LTM9008-14_15 Datasheet
740Kb / 38P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Octal ADCs
LTM9008-14 LINER-LTM9008-14 Datasheet
743Kb / 36P
   14-Bit, 65Msps/40Msps/25Msps Low Power Octal ADCs
LTM9006-14 LINER-LTM9006-14_15 Datasheet
740Kb / 38P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Octal ADCs
LTC2265-14 LINER-LTC2265-14 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2263-14 LINER-LTC2263-14_15 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2265-14 LINER-LTC2265-14_15 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2142-14 LINER-LTC2142-14_15 Datasheet
547Kb / 38P
   14-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2141-14 LINER-LTC2141-14_15 Datasheet
547Kb / 38P
   14-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2171-14 LINER-LTC2171-14_15 Datasheet
1Mb / 34P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
LTC2170-14 LINER-LTC2170-14_15 Datasheet
1Mb / 34P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com