Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM9007-14 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM9007-14
Description  14-Bit, 65Msps/40Msps/ 25Msps Low Power Octal ADCs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9007-14 Datasheet(HTML) 4 Page - Linear Technology

  LTM9007-14_15 Datasheet HTML 1Page - Linear Technology LTM9007-14_15 Datasheet HTML 2Page - Linear Technology LTM9007-14_15 Datasheet HTML 3Page - Linear Technology LTM9007-14_15 Datasheet HTML 4Page - Linear Technology LTM9007-14_15 Datasheet HTML 5Page - Linear Technology LTM9007-14_15 Datasheet HTML 6Page - Linear Technology LTM9007-14_15 Datasheet HTML 7Page - Linear Technology LTM9007-14_15 Datasheet HTML 8Page - Linear Technology LTM9007-14_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LTM9008-14/
LTM9007-14/LTM9006-14
4
90067814fa
For more information www.linear.com/LTM9008-14
DynaMic accuracy The
l
denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 5)
SYMBOL PARAMETER
CONDITIONS
LTM9008-14
LTM9007-14
LTM9006-14
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
SNR
Signal-to-Noise Ratio
5MHz Input
30MHz Input
70MHz Input
140MHz Input
l
71.8
73.7
73.7
73.5
73
69.6
73.5
73.4
73.4
72.8
69.6
72.9
72.9
72.8
72.3
dBFS
dBFS
dBFS
dBFS
SFDR
Spurious Free Dynamic Range
2nd or 3rd Harmonic
5MHz Input
30MHz Input
70MHz Input
140MHz Input
l
74
90
90
89
84
76.8
90
90
89
84
76.8
90
90
89
84
dBFS
dBFS
dBFS
dBFS
Spurious Free Dynamic Range
4th Harmonic or Higher
5MHz Input
30MHz Input
70MHz Input
140MHz Input
l
84
90
90
90
90
84
90
90
90
90
84
90
90
90
90
dBFS
dBFS
dBFS
dBFS
S/(N+D)
Signal-to-Noise Plus
Distortion Ratio
5MHz Input
30MHz Input
70MHz Input
140MHz Input
l
71
73.6
73.5
73.2
72.5
69.5
73.3
73.2
73.1
72.3
69.5
72.8
72.7
72.5
71.9
dBFS
dBFS
dBFS
dBFS
Crosstalk, Near Channel
10MHz Input (Note 12)
–90
–90
–90
dBc
Crosstalk, Far Channel
10MHz Input (Note 12)
–105
–105
–105
dBc
inTernal reFerence characTerisTics The
l
denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 5)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
0.5 • VDD – 25mV
0.5 • VDD
0.5 • VDD + 25mV
V
VCM Output Temperature Drift
±25
ppm/°C
VCM Output Resistance
–600µA < IOUT < 1mA
4
Ω
VREF Output Voltage
IOUT = 0
1.225
1.250
1.275
V
VREF Output Temperature Drift
±25
ppm/°C
VREF Output Resistance
–400µA < IOUT < 1mA
7
Ω
VREF Line Regulation
1.7V < VDD < 1.9V
0.6
mV/V


Similar Part No. - LTM9007-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9007-14 LINER-LTM9007-14 Datasheet
743Kb / 36P
   14-Bit, 65Msps/40Msps/25Msps Low Power Octal ADCs
More results

Similar Description - LTM9007-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9008-14 LINER-LTM9008-14_15 Datasheet
740Kb / 38P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Octal ADCs
LTM9008-14 LINER-LTM9008-14 Datasheet
743Kb / 36P
   14-Bit, 65Msps/40Msps/25Msps Low Power Octal ADCs
LTM9006-14 LINER-LTM9006-14_15 Datasheet
740Kb / 38P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Octal ADCs
LTC2265-14 LINER-LTC2265-14 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2263-14 LINER-LTC2263-14_15 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2265-14 LINER-LTC2265-14_15 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2142-14 LINER-LTC2142-14_15 Datasheet
547Kb / 38P
   14-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2141-14 LINER-LTC2141-14_15 Datasheet
547Kb / 38P
   14-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2171-14 LINER-LTC2171-14_15 Datasheet
1Mb / 34P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
LTC2170-14 LINER-LTC2170-14_15 Datasheet
1Mb / 34P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com