Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM9007-14 Datasheet(PDF) 12 Page - Linear Technology

Part # LTM9007-14
Description  14-Bit, 65Msps/40Msps/ 25Msps Low Power Octal ADCs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9007-14 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM9007-14_15 Datasheet HTML 8Page - Linear Technology LTM9007-14_15 Datasheet HTML 9Page - Linear Technology LTM9007-14_15 Datasheet HTML 10Page - Linear Technology LTM9007-14_15 Datasheet HTML 11Page - Linear Technology LTM9007-14_15 Datasheet HTML 12Page - Linear Technology LTM9007-14_15 Datasheet HTML 13Page - Linear Technology LTM9007-14_15 Datasheet HTML 14Page - Linear Technology LTM9007-14_15 Datasheet HTML 15Page - Linear Technology LTM9007-14_15 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
LTM9008-14/
LTM9007-14/LTM9006-14
12
90067814fa
For more information www.linear.com/LTM9008-14
Typical perForMance characTerisTics
LTM9008-14: SNR vs Input
Frequency, –1dBFS, 2V Range,
65Msps
LTM9008-14: SFDR vs Input Level,
fIN = 70MHz, 2V Range, 65Msps
LTM9008-14: IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dBFS
LTM9008-14: SFDR vs Input
Frequency, –1dBFS, 2V Range,
65Msps
IOVDD vs Sample Rate, 5MHz Sine
Wave Input, –1dBFS
LTM9008-14: SNR vs SENSE,
fIN = 5MHz, –1dBFS
LTM9008-14: SNR vs Input Level,
fIN = 70MHz, 2V Range, 65Msps
INPUT FREQUENCY (MHz)
0
72
71
70
69
68
67
66
74
73
50
100 150 200
250 300 350
90067814 G08
INPUT FREQUENCY (MHz)
0
90
85
80
75
70
65
95
50
100 150 200
250 300 350
90067814 G09
INPUT LEVEL (dBFS)
–80
60
50
40
30
20
10
0
80
70
90
100
110
–70 –60 –50 –40 –30 –20 –10
0
90067814 G11
dBFS
dBc
INPUT LEVEL (dBFS)
60
50
40
30
20
10
0
80
70
–60
–50
–40
–30
–20
–10
0
90067814 G11
dBc
dBFS
SAMPLE RATE (Msps)
320
310
300
290
280
270
260
250
240
230
220
0
10
20
30
40
50
60
90067814 G12
SENSE PIN (V)
0.6
72
69
70
71
68
67
73
74
75
0.7
0.8
0.9
1.1
1.2
1.3
1
90067814 G14
SAMPLE RATE (Msps)
50
40
30
20
10
0
0
20
40
60
90067814 G13
1-LANE, 1.75mA
2-LANE, 3.5mA
2-LANE, 1.75mA
1-LANE, 3.5mA


Similar Part No. - LTM9007-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9007-14 LINER-LTM9007-14 Datasheet
743Kb / 36P
   14-Bit, 65Msps/40Msps/25Msps Low Power Octal ADCs
More results

Similar Description - LTM9007-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9008-14 LINER-LTM9008-14_15 Datasheet
740Kb / 38P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Octal ADCs
LTM9008-14 LINER-LTM9008-14 Datasheet
743Kb / 36P
   14-Bit, 65Msps/40Msps/25Msps Low Power Octal ADCs
LTM9006-14 LINER-LTM9006-14_15 Datasheet
740Kb / 38P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Octal ADCs
LTC2265-14 LINER-LTC2265-14 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2263-14 LINER-LTC2263-14_15 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2265-14 LINER-LTC2265-14_15 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2142-14 LINER-LTC2142-14_15 Datasheet
547Kb / 38P
   14-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2141-14 LINER-LTC2141-14_15 Datasheet
547Kb / 38P
   14-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2171-14 LINER-LTC2171-14_15 Datasheet
1Mb / 34P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
LTC2170-14 LINER-LTC2170-14_15 Datasheet
1Mb / 34P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com