Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4015 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4015
Description  Multichemistry Buck Battery Charger Controller with Digital Telemetry System
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4015 Datasheet(HTML) 1 Page - Linear Technology

  LTC4015_15 Datasheet HTML 1Page - Linear Technology LTC4015_15 Datasheet HTML 2Page - Linear Technology LTC4015_15 Datasheet HTML 3Page - Linear Technology LTC4015_15 Datasheet HTML 4Page - Linear Technology LTC4015_15 Datasheet HTML 5Page - Linear Technology LTC4015_15 Datasheet HTML 6Page - Linear Technology LTC4015_15 Datasheet HTML 7Page - Linear Technology LTC4015_15 Datasheet HTML 8Page - Linear Technology LTC4015_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
LTC4015
1
4015f
For more information www.linear.com/LTC4015
ApplicAtions
typicAl ApplicAtion
FeAtures
Description
Multichemistry Buck Battery
Charger Controller with Digital Telemetry System
12VIN 2-Cell Li-Ion 8A Step-Down Battery Charger Controller
Step-Down Charger Efficiency and
Coulomb Counter Error vs
Battery Charge Current
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
PowerPath is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
n
Multichemistry Li-Ion/Polymer, LiFePO4, or Lead-
Acid Battery Charger with Termination
n
High Efficiency Synchronous Buck Battery Charger
n
Digital Telemetry System Monitors VBAT, IBAT,
RBAT,NTC Ratio (Battery Temperature), VIN, IIN,
VSYSTEM, Die Temperature
n
Coulomb Counter and Integrated 14-Bit ADC
n
Wide Charging Input Voltage Range: 4.5V to 35V
n
Wide Battery Voltage Range: Up to 35V
n
Input Undervoltage Charge Current Limit Loop
n
Maximum Power Point Tracking
n
Optional I2C Serial Port Control
n
Input Current Limit Prioritizes System Load Output
n
Input and Output Ideal Diodes Provide Low Loss
PowerPath™ Operation
n
Instant-On Operation with Discharged Battery
n
Portable Medical Instruments/Military Equipment
n
Industrial Handhelds/Lighting
n
Ruggedized Notebook/Tablet Computers
The LTC®4015 is a complete synchronous buck controller/
charger with pin selectable, chemistry specific charging
and termination algorithms.
TheLTC4015canchargeLi-Ion/Polymer,LiFePO4,orlead-
acid batteries. Battery charge voltage is pin selectable and
I2C adjustable. Input current limit and charge current can
be accurately programmed with sense resistors and can
be individually adjusted via the I2C serial port. A digital
telemetry system monitors all system power parameters.
Safety timer and current termination algorithms are sup-
ported for lithium chemistry batteries. The LTC4015 also
includes automatic recharge, precharge (Li-Ion) and NTC
thermistor protection. The LTC4015's I2C port allows user
customization of charger algorithms, reading of charger
status information, configuration of the maskable and
programmable alerts, plus use and configuration of the
Coulomb counter.
Available in a 38-Lead 5mm × 7mm QFN package.
CHARGE CURRENT (A)
4015 TA01b
100
90
95
80
85
70
75
60
55
65
50
0.5
0.0
–0.5
–1.0
–1.5
–2.0
0.1
10
1
EFFICIENCY
QC ERROR
LTC4015
VIN
UVCLFB
µCONTROLLER
VIN
12V
SMBALERT
DVCC
SCL
SDA
CELLS0
INTVCC
CELLS1
CELLS2
CHEM0
CHEM1
RT
VC
CCREFP
CCREFM
EQ
INFET
CLP
RSNSI
CLN SYS SYSM5
4015 TA01a
OUTFET
SYS
INTVCC
DRVCC
BOOST
TG
SW
BG
2P5VCC
CSPM5
CSP
CSN
RNTCBIAS
RSNSB
BATSENS
NTCBIAS
NTC
LEAD-ACID
EQUALIZE
CHARGE
(PADDLE)
GND
SGND
MPPT
MPPT
ENABLE
RNTC
2-CELL Li-Ion
BATTERY
PACK
T


Similar Part No. - LTC4015_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4015 LINER-LTC4015 Datasheet
1Mb / 76P
   Multichemistry Buck Battery Charger Controller with Digital Telemetry System
logo
Analog Devices
LTC4015 AD-LTC4015 Datasheet
1Mb / 48P
   35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
LTC4015 AD-LTC4015 Datasheet
1Mb / 52P
   35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
LTC4015 AD-LTC4015 Datasheet
1Mb / 52P
   35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
More results

Similar Description - LTC4015_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4015 LINER-LTC4015 Datasheet
1Mb / 76P
   Multichemistry Buck Battery Charger Controller with Digital Telemetry System
logo
Analog Devices
DC2039A AD-DC2039A Datasheet
4Mb / 32P
   Multichemistry Buck Battery Charger with Digital Telemetry System
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
BQ24702 TI-BQ24702 Datasheet
521Kb / 32P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER AND SYSTEM POWER SELECTOR
logo
Maxim Integrated Produc...
MAX846A MAXIM-MAX846A Datasheet
106Kb / 12P
   Cost-Saving Multichemistry Battery-Charger System
Rev 0; 9/96
MAX1909 MAXIM-MAX1909 Datasheet
439Kb / 30P
   Multichemistry Battery Charger with Automatic System Power Selector
Rev 2; 9/04
MAX8713 MAXIM-MAX8713 Datasheet
1Mb / 25P
   Simplified Multichemistry SMBus Battery Charger
Rev 0; 11/04
MAX1772 MAXIM-MAX1772_09 Datasheet
223Kb / 20P
   Low-Cost, Multichemistry Battery-Charger Building Block
Rev 4; 2/09
MAX1772 MAXIM-MAX1772 Datasheet
340Kb / 20P
   Low-Cost, Multichemistry Battery- Charger Building Block
19-1772; Rev 2; 5/02
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com