Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA62724FMG Datasheet(PDF) 8 Page - Comchip Technology

Part # TCA62724FMG
Description  3-Channel Constant-Current LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TCA62724FMG Datasheet(HTML) 8 Page - Comchip Technology

Back Button TCA62724FMG_15 Datasheet HTML 4Page - Comchip Technology TCA62724FMG_15 Datasheet HTML 5Page - Comchip Technology TCA62724FMG_15 Datasheet HTML 6Page - Comchip Technology TCA62724FMG_15 Datasheet HTML 7Page - Comchip Technology TCA62724FMG_15 Datasheet HTML 8Page - Comchip Technology TCA62724FMG_15 Datasheet HTML 9Page - Comchip Technology TCA62724FMG_15 Datasheet HTML 10Page - Comchip Technology TCA62724FMG_15 Datasheet HTML 11Page - Comchip Technology TCA62724FMG_15 Datasheet HTML 12Page - Comchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TCA62724FMG(O,S,EL
2010-06-24
8
Setting of Output Current (Reference Data)
The output current is set by the resistance connected between terminal REXT and GND.
The output current can be set according to the following expression.
Output Voltage – Output Current (Reference Data)
Note1: These application examples are provided for reference only. Thorough evaluation and testing should be implemented
when designing your application's mass production design.
VDS vs. IOUT
0
20
40
60
80
100
120
140
160
180
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VDS (V)
IOUT vs. REXT
0
25
50
75
100
125
150
020
40
60
80
100
REXT(Ω)
REXT = 3.6 kΩ
REXT = 11 kΩ
REXT = 110 kΩ
IOUT (mA) =
1.17 (V)
REXT (kΩ)
× 460
Ta=25°C
VDS=1.0 V


Similar Part No. - TCA62724FMG_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
392Kb / 14P
   Three-Channel Constant-Current LED Driver
logo
Toshiba Semiconductor
TCA62724FMG TOSHIBA-TCA62724FMG Datasheet
125Kb / 8P
   TOSHIBA CMOS INTEGRATED CIRCIUTS SILICON MONOLITHIC
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
More results

Similar Description - TCA62724FMG_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
GS8206 ETC-GS8206 Datasheet
550Kb / 11P
   3 channel constant current LED driver
June 12,2016 version0.2
UCS1903 ETC2-UCS1903 Datasheet
1Mb / 10P
   3-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4103V-GT2 ONSEMI-CAT4103V-GT2 Datasheet
243Kb / 13P
   3-Channel Constant-Current RGB LED Driver
Doc. No. MD-5038, Rev. A
CAT4103 ONSEMI-CAT4103 Datasheet
162Kb / 13P
   3-Channel Constant-Current RGB LED Driver
March, 2010 ??Rev. 1
CAT4109 ONSEMI-CAT4109_15 Datasheet
187Kb / 10P
   3-Channel Constant-Current RGB LED Driver
May, 2015 ??Rev. 6
logo
Texas Instruments
TLC5973D TI1-TLC5973D Datasheet
360Kb / 27P
[Old version datasheet]   3-Channel, 12-Bit, PWM Constant-Current LED Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com