Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDBZ0130L-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBZ0130L-HF
Description  Low VF SMD Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBZ0130L-HF Datasheet(HTML) 4 Page - Comchip Technology

  CDBZ0130L-HF_15 Datasheet HTML 1Page - Comchip Technology CDBZ0130L-HF_15 Datasheet HTML 2Page - Comchip Technology CDBZ0130L-HF_15 Datasheet HTML 3Page - Comchip Technology CDBZ0130L-HF_15 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SIZE
(inch)
0.122
(mm)
0.310
0.200
0.350
0.079
0.014
0.150
0.006
E
0.365
0.014
B
C
D
A
L
Part Number
Marking Code
CDBZ0130L-HF
0201(DFN0603)
E
B
C
D
A
Suggested PAD Layout
Marking Code
L
Page 4
QW-JB039
REV: B
Standard Packaging
Case Type
Qty Per Reel
(Pcs)
8,000
0201(DFN0603)
Reel Size
(inch)
7
Low VF SMD Schottky Barrier Diode
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - CDBZ0130L-HF_15

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
   Low VF SMD Schottky Barrier Diode
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
   Low VF SMD Schottky Barrier Diode
More results

Similar Description - CDBZ0130L-HF_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RB520G-30 TSC-RB520G-30_14 Datasheet
176Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB500V-40 TSC-RB500V-40_14 Datasheet
179Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB706F-40 TSC-RB706F-40 Datasheet
483Kb / 3P
   Low VF SMD Schottky Barrier Diode
B0520LWF TSC-B0520LWF Datasheet
230Kb / 3P
   Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
ACDBQC0130L-HF COMCHIP-ACDBQC0130L-HF Datasheet
473Kb / 4P
   Low VF SMD Schottky Barrier Diode
REV:D
logo
Taiwan Semiconductor Co...
SD103AXG TSC-SD103AXG Datasheet
142Kb / 3P
   Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
   Low VF SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB520G-30 TSC-RB520G-30 Datasheet
587Kb / 3P
   Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
   Low VF SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB706F-40 TSC-RB706F-40_14 Datasheet
441Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB751V-40WS TSC-RB751V-40WS_14 Datasheet
177Kb / 5P
   Low VF SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com