Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3577-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3577-1
Description  Highly Integrated 6-Channel Portable PMIC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3577-1_15 Datasheet HTML 3Page - Linear Technology LTC3577-1_15 Datasheet HTML 4Page - Linear Technology LTC3577-1_15 Datasheet HTML 5Page - Linear Technology LTC3577-1_15 Datasheet HTML 6Page - Linear Technology LTC3577-1_15 Datasheet HTML 7Page - Linear Technology LTC3577-1_15 Datasheet HTML 8Page - Linear Technology LTC3577-1_15 Datasheet HTML 9Page - Linear Technology LTC3577-1_15 Datasheet HTML 10Page - Linear Technology LTC3577-1_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
LTC3577/LTC3577-1
7
3577fa
ELECTRICAL CHARACTERISTICS Step-Down Switching Regulators. The l denotes the specifications
which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VOUT = VIN12 = VIN3 = 3.8V,
all regulators enabled unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LDO Regulator 1 (LDO1 – Enabled via I2C)
VINLDO1
Input Voltage Range
VINLDO1 ≤ VOUT + 0.3V
l
1.65
5.5
V
VOUT_UVLO
VOUT Falling
VOUT Rising
LDO1 is Disabled Below VOUT UVLO
2.5
2.7
2.8
2.9
V
V
IQLDO1_VO
IQLDO1_VI
LD01 VOUT Quiescent Current
LD01 VINLDO1 Quiescent Current
LDO1 Enabled, PON State, ILDO1 = 0mA
LDO1 Enabled, PON State, ILDO1 = 0mA
18
0.1
30
2
μA
μA
IVINLDO1
Shutdown Current
LDO1 Disabled, PON or POFF State
0.01
1
μA
VLDO1_FB
LDO1_FB Regulated Feedback Voltage
ILDO1 = 1mA
l
0.78
0.8
0.82
V
LDO1_FB Line Regulation (Note 11)
ILDO1 = 1mA, VIN = 1.65V to 5.5V
0.4
mV/V
LDO1_FB Load Regulation (Note 11)
ILDO1 = 1mA to 150mA
5
μV/mA
ILDO1_FB
LDO1_FB Input Current
LDO1_FB = 0.8V
–50
50
nA
ILDO1_OC
Available Output Current
l
150
mA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RSW3_PD
SW3 Pull-Down in Shutdown
POFF State
10
500mA Step-Down Switching Regulator 2 (Buck2 – Pushbutton Enabled, Second in Sequence)
IVIN12Q
Pulse-Skipping Mode Input Current
(Note 10)
100
μA
Burst Mode Operation Input Current
(Note 10)
17
μA
Shutdown Input Current
0.01
μA
ILIM2
Peak PMOS Current Limit
(Note 7)
650
900
1200
mA
VFB2
Feedback Voltage
Pulse-Skipping Mode
Burst Mode Operation
l
l
0.78
0.78
0.8
0.8
0.82
0.824
V
V
IFB2
FB2 Input Current
(Note 10)
–0.05
0.05
μA
D2
Max Duty Cycle
FB2 = 0V
100
%
RP2
RDS(ON) of PMOS
ISW2 = 100mA
0.6
Ω
RN2
RDS(ON) of NMOS
ISW2 = –100mA
0.6
Ω
RSW2_PD
SW2 Pull-Down in Shutdown
POFF State
10
500mA Step-Down Switching Regulator 1 (Buck1 – Pushbutton Enabled, First in Sequence)
IVIN12Q
Pulse-Skipping Mode Input Current
(Note 10)
100
μA
Burst Mode Operation Input Current
(Note 10)
17
μA
Shutdown Input Current
0.01
μA
ILIM1
Peak PMOS Current Limit
(Note 7)
650
900
1200
mA
VFB1
Feedback Voltage
Pulse-Skipping Mode
Burst Mode Operation
l
l
0.78
0.78
0.8
0.8
0.82
0.824
V
V
IFB1
FB1 Input Current
(Note 10)
–0.05
0.05
μA
D1
Max Duty Cycle
FB1 = 0V
100
%
RP1
RDS(ON) of PMOS
ISW1 = 100mA
0.6
Ω
RN1
RDS(ON) of NMOS
ISW1 = –100mA
0.6
Ω
RSW1_PD
SW1 Pull-Down in Shutdown
POFF State
10
LDO Regulators. The l denotes the specifications which apply over the full operating temperature range, otherwise specifications
are at TA = 25°C. VINLDO1 = VINLDO2 = VOUT = VBAT = 3.8V, LDO1 and LDO2 enabled unless otherwise noted.


Similar Part No. - LTC3577-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3577-1 LINER-LTC3577-1 Datasheet
630Kb / 52P
   Highly Integrated 6-Channel Portable PMIC
LTC3577-1 LINER-LTC3577-1 Datasheet
570Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3577-1 LINER-LTC3577-1 Datasheet
427Kb / 38P
   7-Channel Confi gurable High Power PMIC
More results

Similar Description - LTC3577-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3577 LINER-LTC3577_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
LTC3577 LINER-LTC3577 Datasheet
630Kb / 52P
   Highly Integrated 6-Channel Portable PMIC
LTC3677-3 LINER-LTC3677-3_15 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-3 LINER-LTC3577-3 Datasheet
562Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3577-4 LINER-LTC3577-4_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3677-3 LINER-LTC3677-3 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-3 LINER-LTC3577-3_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
logo
Shenzhen X-Powers Techn...
AXP288 XPOWER-AXP288 Datasheet
418Kb / 3P
   Highly integrated PMIC customized for Intel SoC
logo
Richtek Technology Corp...
RT5028 RICHTEK-RT5028 Datasheet
615Kb / 40P
   Integrated PMIC
RT5028E RICHTEK-RT5028E Datasheet
519Kb / 41P
   Integrated PMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com