Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3576-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3576-1
Description  Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3576-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3576-1_15 Datasheet HTML 3Page - Linear Technology LTC3576-1_15 Datasheet HTML 4Page - Linear Technology LTC3576-1_15 Datasheet HTML 5Page - Linear Technology LTC3576-1_15 Datasheet HTML 6Page - Linear Technology LTC3576-1_15 Datasheet HTML 7Page - Linear Technology LTC3576-1_15 Datasheet HTML 8Page - Linear Technology LTC3576-1_15 Datasheet HTML 9Page - Linear Technology LTC3576-1_15 Datasheet HTML 10Page - Linear Technology LTC3576-1_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
LTC3576/LTC3576-1
7
3576fb
TYPICAL PERFORMANCE CHARACTERISTICS
Ideal Diode V-I Characteristics
Ideal Diode Resistance
vs Battery Voltage
VOUT Voltage vs Load Current
(Battery Charger Disabled)
USB Limited Load Current vs Battery
Voltage (Battery Charger Disabled)
Battery and VBUS Currents
vs Load Current
Battery Charge Current
vs Temperature
PowerPath Switching Regulator
Transient Response
PowerPath Switching Regulator
Efficiency vs Load Current
Battery Charging Efficiency
vs Battery Voltage with No
External Load (PBAT/PVBUS)
FORWARD VOLTAGE (V)
0
0.6
0.8
1.0
0.16
3576 G01
0.4
0.2
0
0.04
0.08
0.12
0.20
INTERNAL IDEAL DIODE
WITH SUPPLEMENTAL
EXTERNAL VISHAY
Si2333 PMOS
INTERNAL IDEAL
DIODE ONLY
VBUS = 5V
BATTERY VOLTAGE (V)
2.7
0.15
0.20
0.25
3.9
3576 G02
0.10
0.05
0
3.0
3.3
3.6
4.2
INTERNAL IDEAL DIODE
WITH SUPPLEMENTAL
EXTERNAL VISHAY
Si2333 PMOS
INTERNAL IDEAL
DIODE
TEMPERATURE (°C)
–40
0
100
200
300
400
040
80
120
3576 G06
500
600
–20
20
60
100
THERMAL REGULATION
RPROG = 2k
LOAD CURRENT (A)
0
4.00
4.25
4.50
0.8
3576 G03
3.75
3.50
3.25
0.1 0.2 0.3 0.4 0.5 0.6 0.7
0.9 1.0
BAT = 4V
BAT = 3.4V
BATTERY VOLTAGE (V)
2.7
0
100
300
400
500
3.3
3.9
4.2
900
3576 G04
200
3.0
3.6
600
700
800
VBUS = 5V
5 MODE
LOAD CURRENT (mA)
0
250
500
750
800
3576 G05
0
–250
–500
100 200 300 400 500 600 700
900 1000
VBUS CURRENT
BATTERY CURRENT
(CHARGING)
VBUS = 5V
BAT = 3.8V
5 MODE
RCLPROG = 3.01k
RPROG = 1k
BATTERY CURRENT
(DISCHARGING)
VOUT
50mV/DIV
AC COUPLED
IVOUT
500mA/DIV
0mA
20μs/DIV
3576 G07
VBUS = 5V
VOUT = 3.65V
CHARGER OFF
10 MODE
LOAD CURRENT (mA)
30
60
50
40
100
90
80
70
3576 G08
10
1000
100
1 MODE
5 , 10 MODE
BATTERY VOLTAGE (V)
2.7
50
55
65
70
75
3.3
3.9
4.2
95
3576 G09
60
3.0
3.6
80
85
90
RCLPROG = 3.01k
RPROG = 1k
1 MODE
5 MODE
TA = 25°C unless otherwise specified.


Similar Part No. - LTC3576-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3576-1 LINER-LTC3576-1 Datasheet
582Kb / 48P
   Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
More results

Similar Description - LTC3576-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3576 LINER-LTC3576_15 Datasheet
593Kb / 48P
   Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
LTC3576 LINER-LTC3576 Datasheet
582Kb / 48P
   Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
LTC4160 LINER-LTC4160_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC4160-1 LINER-LTC4160-1_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC4160 LINER-LTC4160 Datasheet
352Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC3555 LINER-LTC3555_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC3555-X LINER-LTC3555-X_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC3555 LINER-LTC3555 Datasheet
295Kb / 32P
   High Effi ciency USB Power Manager Triple Step-Down DC/DC
LTC3576EUFE-1 LINER-LTC3576EUFE-1 Datasheet
1Mb / 7P
   Switching Power Manager USB On-the-Go OVP HV Buck VC Control 3 Bucks
LTC3576EUFE LINER-LTC3576EUFE Datasheet
443Kb / 7P
   Switching Power Manager USB On-the-Go OVP HV Buck VC Control 3 Bucks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com