Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3115-1 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3115-1
Description  40V, 2A Synchronous Buck-Boost DC/DC Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3115-1 Datasheet(HTML) 1 Page - Linear Technology

  LTC3115-1_15 Datasheet HTML 1Page - Linear Technology LTC3115-1_15 Datasheet HTML 2Page - Linear Technology LTC3115-1_15 Datasheet HTML 3Page - Linear Technology LTC3115-1_15 Datasheet HTML 4Page - Linear Technology LTC3115-1_15 Datasheet HTML 5Page - Linear Technology LTC3115-1_15 Datasheet HTML 6Page - Linear Technology LTC3115-1_15 Datasheet HTML 7Page - Linear Technology LTC3115-1_15 Datasheet HTML 8Page - Linear Technology LTC3115-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
LTC3115-1
1
31151fb
For more information www.linear.com/LTC3115-1
Typical applicaTion
FeaTures
DescripTion
40V, 2A Synchronous
Buck-Boost DC/DC
Converter
The LTC®3115-1 is a high voltage monolithic synchronous
buck-boostDC/DCconverter.Itswide2.7Vto40Vinputand
output voltage ranges make it well suited to a wide variety
of automotive and industrial applications. A proprietary
low noise switching algorithm optimizes efficiency with
input voltages that are above, below or even equal to the
output voltage and ensures seamless transitions between
operational modes.
Programmable frequency PWM mode operation provides
low noise, high efficiency operation and the ability to syn-
chronizeswitchingtoanexternalclock.Switchingfrequen-
ciesupto2MHzaresupportedtoallowuseofsmallvaluein-
ductorsforminiaturizationoftheapplicationcircuit. Pinse-
lectableBurstModeoperationreducesstandbycurrentand
improves light load efficiency which, combined with a 3µA
shutdown current, make the LTC3115-1 ideally suited for
battery-powered applications. Additional features include
output disconnect in shutdown, short-circuit protection
and internal soft-start. The LTC3115-1 is available in ther-
mally enhanced 16-lead 4mm
× 5mm × 0.75mm DFN and
20-lead TSSOP packages.
Efficiency vs VIN
applicaTions
n
Wide VIN Range: 2.7V to 40V
n
Wide VOUT Range: 2.7V to 40V
n
1A Output Current for VIN ≥ 3.6V, VOUT = 5V
n
2A Output Current in Step-Down Operation
for VIN ≥ 6V
n
Programmable Frequency: 100kHz to 2MHz
n
Synchronizable Up to 2MHz with an External Clock
n
Up to 95% Efficiency
n
30µA No-Load Quiescent Current in Burst Mode®
Operation
n
Ultralow Noise Buck-Boost PWM
n
Internal Soft-Start
n
3µA Supply Current in Shutdown
n
Programmable Input Undervoltage Lockout
n
Small 4mm
× 5mm × 0.75mm DFN Package
n
Thermally Enhanced 20-Lead TSSOP Package
n
24V/28V Industrial Applications
n
Automotive Power Systems
n
Telecom, Servers and Networking Equipment
n
FireWire Regulator
n
Multiple Power Source Supplies
L
, LT, LTC, LTM, Burst Mode, LTspice, Linear Technology and the Linear logo are registered
trademarks and No RSENSE is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Protected by U.S. Patents including
6404251, 6166527 and others pending.
BST1
BST2
PVIN
VIN
VC
PVOUT
PWM/SYNC
FB
RUN
PVCC
VCC
RT
SW1
SW2
GND
PGND
LTC3115-1
10µH
0.1µF
BURST PWM
2.7V TO
40V
0.1µF
33pF
(OPTIONAL)
5V
1A VIN > 3.6V
2A VIN ≥ 6V
4.7µF
47µF
1M
249k
4.7µF
3115 TA01a
47.5k
15k
60.4k
3300pF
OFF ON
INPUT VOLTAGE (V)
95
90
85
31151 TA01b
70
80
75
40
2
10
ILOAD = 0.5A
ILOAD = 1A
VOUT = 5V


Similar Part No. - LTC3115-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3115-1 LINER-LTC3115-1 Datasheet
556Kb / 30P
   High Efficiency, Synchronous,4-Switch Buck-Boost Controller
logo
Analog Devices
LTC3115-1 AD-LTC3115-1 Datasheet
1Mb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
LTC3115-1 AD-LTC3115-1 Datasheet
2Mb / 36P
   26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
05/21 Rev. 0
LTC3115-1 AD-LTC3115-1 Datasheet
1Mb / 24P
   40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
Rev. 0
More results

Similar Description - LTC3115-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3115-2 LINER-LTC3115-2_15 Datasheet
775Kb / 42P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115EDHD-1 LINER-LTC3115EDHD-1 Datasheet
190Kb / 6P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115EDHD-2 LINER-LTC3115EDHD-2 Datasheet
440Kb / 6P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3533 LINER-LTC3533 Datasheet
318Kb / 16P
   2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3533 LINER-LTC3533_15 Datasheet
323Kb / 16P
   2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
logo
Unisonic Technologies
LD1596 UTC-LD1596_15 Datasheet
168Kb / 5P
   2A 150kHz 40V BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP3502E DIODES-AP3502E Datasheet
523Kb / 11P
   2A SYNCHRONOUS DC-DC BUCK CONVERTER
logo
List of Unclassifed Man...
XL1509 ETC2-XL1509 Datasheet
276Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
logo
Orister Corporation
RS6501 ORISTER-RS6501 Datasheet
486Kb / 8P
   150KHz, 40V, 2A PWM Buck DC/DC Converter
logo
Princeton Technology Co...
RS6501 PTC-RS6501 Datasheet
221Kb / 3P
   150KHz, 40V, 2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com