Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1551F-L4 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJG1551F-L4
Description  800mhZ band mixer gAaS mmic
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1551F-L4 Datasheet(HTML) 3 Page - New Japan Radio

  NJG1551F-L4 Datasheet HTML 1Page - New Japan Radio NJG1551F-L4 Datasheet HTML 2Page - New Japan Radio NJG1551F-L4 Datasheet HTML 3Page - New Japan Radio NJG1551F-L4 Datasheet HTML 4Page - New Japan Radio NJG1551F-L4 Datasheet HTML 5Page - New Japan Radio NJG1551F-L4 Datasheet HTML 6Page - New Japan Radio NJG1551F-L4 Datasheet HTML 7Page - New Japan Radio NJG1551F-L4 Datasheet HTML 8Page - New Japan Radio NJG1551F-L4 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NJG1551F
- 3 -
nTYPICAL CHARACTERISTICS (Application 1, fLO=690MHz)
Condition
fIF=130MHz
fRF1=820.0MHz
fRF2=820.1MHz
fLO=690MHz, PLO=-10dBm
VMIX=VLO=2.7V
Condition
fIF=130MHz
fRF1=820.0MHz, PRF=-30dBm
fRF2=820.1MHz
fLO=690MHz
VMIX=VLO=2.7V
Condition
fIF=130MHz
fRF=820MHz, PRF=-30dBm
fLO=690MHz
VMIX=VLO=2.7V
-8
-6
-4
-2
0
2
-40
-30
-20
-10
0
10
Input-IP3 vs. LO Power
LO Power (dBm)
IIP3
IIP3=
3IF-IM3
2
-Gc
@PRF=-27dBm
Condition
fIF=130MHz
fRF1=820.0MHz, PRF=-30dBm
fRF2=820.1MHz
fLO=690MHz, PLO=-10dBm
IIP3=
3IF-IM3
2
-Gc
@PRF=-27dBm
2
4
6
8
10
12
14
16
2
4
6
8
10
12
14
16
-40
-30
-20
-10
0
10
Conversion Gain , Noise Figure
vs. LO Power
LO Power (dBm)
Gc
NF
9
10
11
12
13
14
15
16
17
-2
-1
0
1
2
3
4
5
6
1.5
2
2.5
3
3.5
4
4.5
5
Conversion Gain , Noise Figure , Input-IP3
vs. V
MIX
, V
LO
V
MIX
, V
LO
(V)
Gc
NF
IIP3
-80
-60
-40
-20
0
20
-40
-35
-30
-25
-20
-15
-10
-5
0
IF , IM3 , IM5 vs. RF Power
RF Power (dBm)
IF
IM3
IM5


Similar Part No. - NJG1551F-L4

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1550F NJRC-NJG1550F Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
NJG1550F-C1 NJRC-NJG1550F-C1 Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
NJG1550F-C2 NJRC-NJG1550F-C2 Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
NJG1550F-C3 NJRC-NJG1550F-C3 Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
NJG1550F-C4 NJRC-NJG1550F-C4 Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
More results

Similar Description - NJG1551F-L4

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1557KB2 NJRC-NJG1557KB2 Datasheet
248Kb / 10P
   800MHz BAND MIXER GaAs MMIC
NJG1550F NJRC-NJG1550F Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
NJG1555KB2 NJRC-NJG1555KB2 Datasheet
183Kb / 11P
   800mhZ band mixer gAaS mmic
NJG1104KB2 NJRC-NJG1104KB2 Datasheet
273Kb / 12P
   800MHz BAND LNA GaAs MMIC
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
   800MHz BAND DOWNCONVERTER GaAs MMIC
NJG1106KB2 NJRC-NJG1106KB2 Datasheet
171Kb / 11P
   800MHz BAND LNA GaAs MMIC
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704V NJRC-NJG1704V Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1553BF NJRC-NJG1553BF Datasheet
414Kb / 9P
   1.9ghZ band mixer gAaS mmic
logo
Sony Corporation
CXG1111EN SONY-CXG1111EN Datasheet
92Kb / 6P
   800MHz Band Receive Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com