Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2486 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2486
Description  16-Bit 2-/4-Channel ADC with PGA and Easy Drive Input Current Cancellation
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2486 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2486_15 Datasheet HTML 3Page - Linear Technology LTC2486_15 Datasheet HTML 4Page - Linear Technology LTC2486_15 Datasheet HTML 5Page - Linear Technology LTC2486_15 Datasheet HTML 6Page - Linear Technology LTC2486_15 Datasheet HTML 7Page - Linear Technology LTC2486_15 Datasheet HTML 8Page - Linear Technology LTC2486_15 Datasheet HTML 9Page - Linear Technology LTC2486_15 Datasheet HTML 10Page - Linear Technology LTC2486_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LTC2486
7
2486fe
For more information www.linear.com/LTC2486
TYPICAL PERFORMANCE CHARACTERISTICS
RMS Noise
vs Input Differential Voltage
RMS Noise vs VIN(CM)
RMS Noise vs Temperature (TA)
RMS Noise vs VCC
RMS Noise vs VREF
Offset Error vs VIN(CM)
Offset Error vs Temperature
Offset Error vs VCC
Offset Error vs VREF
INPUT DIFFERENTIAL VOLTAGE (V)
0.4
0.6
0.8
1.0
0.5
0.7
0.9
–1.5
–0.5
0.5
1.5
2486 G10
2.5
–2
–2.5
–1
0
1
2
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
TA = 25°C
VIN(CM) (V)
–1
0.8
0.9
1.0
2
4
2486 G11
0.7
0.6
0
1
3
5
6
0.5
0.4
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C
GAIN = 256
TEMPERATURE (°C)
–45
0.4
0.5
0.6
0.7
0.8
1.0
–30 –15
15
0
30 45 60
2486 G12
75 90
0.9
VCC = 5V
VREF = 5V
VIN = 0V
VIN(CM) = GND
GAIN = 256
VCC (V)
2.7
0.8
0.9
1.0
3.9
4.7
2486 G13
0.7
0.6
3.1
3.5
4.3
5.1
5.5
0.5
0.4
VREF = 2.5V
VIN = 0V
VIN(CM) = GND
TA = 25°C
GAIN = 256
VREF (V)
0
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
2
3
4
2486 G14
5
VCC = 5V
VIN = 0V
VIN(CM) = GND
TA = 25°C
GAIN = 256
VIN(CM) (V)
–1
0.1
0.2
0.3
2
4
2486 G15
0
–0.1
0
1
3
5
6
–0.2
–0.3
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C
TEMPERATURE (°C)
–45
–0.3
–0.2
0
0.1
0.2
–15
15 30
90
2486 G16
–0.1
–30
0
45 60 75
0.3
VCC = 5V
VREF = 5V
VIN = 0V
VIN(CM) = GND
fO = GND
VCC (V)
2.7
0.1
0.2
0.3
3.9
4.7
2486 G17
0
–0.1
3.1
3.5
4.3
5.1
5.5
–0.2
–0.3
REF+ = 2.5V
REF= GND
VIN = 0V
VIN(CM) = GND
TA = 25°C
VREF (V)
0
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
1
2
3
4
2486 G18
5
VCC = 5V
REF= GND
VIN = 0V
VIN(CM) = GND
TA = 25°C


Similar Part No. - LTC2486_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2486CDE LINER-LTC2486CDE Datasheet
604Kb / 36P
   16-Bit 2-/4-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
LTC2486IDE LINER-LTC2486IDE Datasheet
604Kb / 36P
   16-Bit 2-/4-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
More results

Similar Description - LTC2486_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2486 LINER-LTC2486 Datasheet
604Kb / 36P
   16-Bit 2-/4-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
LTC2494 LINER-LTC2494_15 Datasheet
1Mb / 38P
   16-Bit 8-/16-Channel ADC with PGA and Easy Drive Input Current Cancellation
LTC2488 LINER-LTC2488_15 Datasheet
394Kb / 30P
   16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation
LTC2494 LINER-LTC2494 Datasheet
536Kb / 36P
   16-Bit 8-/16-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
LTC2488 LINER-LTC2488 Datasheet
436Kb / 28P
   16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2489 LINER-LTC2489_15 Datasheet
383Kb / 26P
   16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2482 LINER-LTC2482_15 Datasheet
322Kb / 32P
   16-Bit ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_15 Datasheet
679Kb / 42P
   16-Bit ADC with Easy Drive Input Current Cancellation
LTC2489 LINER-LTC2489 Datasheet
328Kb / 24P
   16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2492 LINER-LTC2492_15 Datasheet
609Kb / 38P
   24-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com