Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2418 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2418
Description  8-/16-Channel 24-Bit No Latency ADCs
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2418 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2418_15 Datasheet HTML 4Page - Linear Technology LTC2418_15 Datasheet HTML 5Page - Linear Technology LTC2418_15 Datasheet HTML 6Page - Linear Technology LTC2418_15 Datasheet HTML 7Page - Linear Technology LTC2418_15 Datasheet HTML 8Page - Linear Technology LTC2418_15 Datasheet HTML 9Page - Linear Technology LTC2418_15 Datasheet HTML 10Page - Linear Technology LTC2418_15 Datasheet HTML 11Page - Linear Technology LTC2418_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
LTC2414/LTC2418
8
241418fa
TYPICAL PERFOR A CE CHARACTERISTICS
RMS Noise vs Input Differential
Voltage
RMS Noise vs VINCM
RMS Noise vs Temperature (TA)
RMS Noise vs VCC
RMS Noise vs VREF
Offset Error vs VINCM
Offset Error vs Temperature
Offset Error vs VCC
Offset Error vs VREF
0.5
0.4
0.3
0.2
0.1
0
INPUT DIFFERENTIAL VOLTAGE (V)
–2.5 –2.0
–1.0
0
1.0
2.0
–1.5
–0.5
0.5
1.5
241418 G10
2.5
FO = GND
TA = 25°C
VCC = 5V
VREF = 5V
VINCM = 2.5V
VINCM (V)
–1
1.0
0.9
0.8
0.7
0.6
0.5
1
3
4
241418 G11
0
2
5
6
FO = GND
TA = 25°C
VCC = 5V
REF+ = 5V
REF= GND
VIN = 0V
VINCM = GND
TEMPERATURE (
°C)
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
241418 G12
–50
–25
0
25
50
75
100
FO = GND
VCC = 5V
VREF = 5V
VIN = 0V
VINCM = GND
VCC (V)
2.7
1.0
0.9
0.8
0.7
0.6
0.5
3.5
4.3
4.7
241418 G13
3.1
3.9
5.1
5.5
FO = GND
TA = 25°C
VIN = 0V
VINCM = GND
REF+ = 2.5V
REF= GND
VREF (V)
0
1.0
0.9
0.8
0.7
0.6
0.5
4
1
2
3
5
241418 G14
FO = GND
TA = 25°C
VCC = 5V
VIN = 0V
VINCM = GND
REF= GND
VINCM (V)
–1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
1
3
4
241418 G15
0
2
5
6
FO = GND
TA = 25°C
VCC = 5V
REF+ = 5V
REF= GND
VIN = 0V
TEMPERATURE (
°C)
–45 –30
15
30
60
90
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
241418 G16
–15
0
75
45
FO = GND
VCC = 5V
VREF = 5V
VIN = 0V
VINCM = GND
VCC (V)
2.7
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
3.5
4.3
4.7
241418 G17
3.1
3.9
5.1
5.5
FO = GND
TA = 25°C
VIN = 0V
VINCM = GND
REF+ = 2.5V
REF= GND
VREF (V)
0
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
4
241418 G18
1
2
3
5
FO = GND
TA = 25°C
VCC = 5V
VIN = 0V
VINCM = GND
REF= GND


Similar Part No. - LTC2418_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2418CGN LINER-LTC2418CGN Datasheet
792Kb / 48P
   8-/16-Channel 24-Bit No Latency TM ADCs
LTC2418IGN LINER-LTC2418IGN Datasheet
792Kb / 48P
   8-/16-Channel 24-Bit No Latency TM ADCs
More results

Similar Description - LTC2418_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2414 LINER-LTC2414_15 Datasheet
802Kb / 48P
   8-/16-Channel 24-Bit No Latency ADCs
LTC2414 LINER-LTC2414 Datasheet
792Kb / 48P
   8-/16-Channel 24-Bit No Latency TM ADCs
LTC2408 LINER-LTC2408_15 Datasheet
370Kb / 36P
   4-/8-Channel 24-Bit Power No Latency ADCs
LTC2404 LINER-LTC2404 Datasheet
351Kb / 36P
   4-/8-Channel 24-Bit uPower No Latency ADCs
LTC2404 LINER-LTC2404_15 Datasheet
370Kb / 36P
   4-/8-Channel 24-Bit Power No Latency ADCs
LTC2428 LINER-LTC2428_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
LTC2424 LINER-LTC2424 Datasheet
317Kb / 28P
   4-/8-Channel 20-Bit uPower No Latency ADCs
LTC2424 LINER-LTC2424_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
LTC2424 LINER-LTC2424_09 Datasheet
420Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency DSTM ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com