Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2414 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2414
Description  8-/16-Channel 24-Bit No Latency ADCs
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2414 Datasheet(HTML) 5 Page - Linear Technology

  LTC2414_15 Datasheet HTML 1Page - Linear Technology LTC2414_15 Datasheet HTML 2Page - Linear Technology LTC2414_15 Datasheet HTML 3Page - Linear Technology LTC2414_15 Datasheet HTML 4Page - Linear Technology LTC2414_15 Datasheet HTML 5Page - Linear Technology LTC2414_15 Datasheet HTML 6Page - Linear Technology LTC2414_15 Datasheet HTML 7Page - Linear Technology LTC2414_15 Datasheet HTML 8Page - Linear Technology LTC2414_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
LTC2414/LTC2418
5
241418fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
2.7
5.5
V
ICC
Supply Current
Conversion Mode
CS = 0V (Note 12)
200
300
µA
Sleep Mode
CS = VCC (Note 12)
410
µA
Sleep Mode
CS = VCC, 2.7V ≤ VCC ≤ 3.3V (Note 12)
2
µA
The
denotes specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 3)
POWER REQUIRE E TS
The
denotes specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOL
Low Level Output Voltage
IO = 1.6mA
0.4
V
SDO
VOH
High Level Output Voltage
IO = – 800µA (Note 10)
VCC – 0.5
V
SCK
VOL
Low Level Output Voltage
IO = 1.6mA (Note 10)
0.4
V
SCK
IOZ
Hi-Z Output Leakage
–10
10
µA
SDO
DIGITAL I PUTS A D DIGITAL OUTPUTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fEOSC
External Oscillator Frequency Range
2.56
2000
kHz
tHEO
External Oscillator High Period
0.25
390
µs
tLEO
External Oscillator Low Period
0.25
390
µs
tCONV
Conversion Time
FO = 0V
130.86
133.53
136.20
ms
FO = VCC
157.03
160.23
163.44
ms
External Oscillator (Note 11)
20510/fEOSC (in kHz)
ms
fISCK
Internal SCK Frequency
Internal Oscillator (Note 10)
19.2
kHz
External Oscillator (Notes 10, 11)
fEOSC/8
kHz
DISCK
Internal SCK Duty Cycle
(Note 10)
45
55
%
fESCK
External SCK Frequency Range
(Note 9)
2000
kHz
tLESCK
External SCK Low Period
(Note 9)
250
ns
tHESCK
External SCK High Period
(Note 9)
250
ns
tDOUT_ISCK
Internal SCK 32-Bit Data Output Time
Internal Oscillator (Notes 10, 12)
1.64
1.67
1.70
ms
External Oscillator (Notes 10, 11)
256/fEOSC (in kHz)
ms
tDOUT_ESCK
External SCK 32-Bit Data Output Time
(Note 9)
32/fESCK (in kHz)
ms
The
denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 3)
TI I G CHARACTERISTICS


Similar Part No. - LTC2414_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2414CGN LINER-LTC2414CGN Datasheet
792Kb / 48P
   8-/16-Channel 24-Bit No Latency TM ADCs
LTC2414IGN LINER-LTC2414IGN Datasheet
792Kb / 48P
   8-/16-Channel 24-Bit No Latency TM ADCs
More results

Similar Description - LTC2414_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2418 LINER-LTC2418_15 Datasheet
802Kb / 48P
   8-/16-Channel 24-Bit No Latency ADCs
LTC2414 LINER-LTC2414 Datasheet
792Kb / 48P
   8-/16-Channel 24-Bit No Latency TM ADCs
LTC2408 LINER-LTC2408_15 Datasheet
370Kb / 36P
   4-/8-Channel 24-Bit Power No Latency ADCs
LTC2404 LINER-LTC2404 Datasheet
351Kb / 36P
   4-/8-Channel 24-Bit uPower No Latency ADCs
LTC2404 LINER-LTC2404_15 Datasheet
370Kb / 36P
   4-/8-Channel 24-Bit Power No Latency ADCs
LTC2428 LINER-LTC2428_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
LTC2424 LINER-LTC2424 Datasheet
317Kb / 28P
   4-/8-Channel 20-Bit uPower No Latency ADCs
LTC2424 LINER-LTC2424_15 Datasheet
426Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency ADCs
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
LTC2424 LINER-LTC2424_09 Datasheet
420Kb / 36P
   4-/8-Channel 20-Bit mPower No Latency DSTM ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com