Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8705 Datasheet(PDF) 8 Page - Linear Technology

Part # LT8705
Description  80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT8705_15 Datasheet HTML 4Page - Linear Technology LT8705_15 Datasheet HTML 5Page - Linear Technology LT8705_15 Datasheet HTML 6Page - Linear Technology LT8705_15 Datasheet HTML 7Page - Linear Technology LT8705_15 Datasheet HTML 8Page - Linear Technology LT8705_15 Datasheet HTML 9Page - Linear Technology LT8705_15 Datasheet HTML 10Page - Linear Technology LT8705_15 Datasheet HTML 11Page - Linear Technology LT8705_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
LT8705
8
8705fe
For more information www.linear.com/LT8705
Typical perForMance characTerisTics
IMONOutputCurrents
CLKOUT Duty Cycle
LDO33 Pin Regulation
(ILDO33 = 1mA)
SHDN and SWEN Pin Thresholds
vs Temperature
INTVCCLineRegulation
(EXTVCC=0V)
INTVCCLineRegulation
(VIN=12V)
Maximum VC vs SS
Minimum Inductor Current Sense
Voltage in Forced Continuous Mode
VIN Supply Current vs Voltage
(Not Switching)
M2 OR M3 DUTY CYCLE (%)
0
–40
–20
0
80
8705 G10
–60
–80
20
40
60
100
–100
–120
–140
BUCK REGION
BOOST REGION
VIN (V)
4
4.0
4.5
5.0
5.5
6.0
8
12
16
20
8705 G11
6.5
7.0
6
10
14
18
EXTVCC (V)
4
5.5
6.0
6.5
7.0
6
8
8705 G12
10
12
EXTVCC RISING
EXTVCC FALLING
SS (V)
0
0
0.2
0.6
0.8
1.0
2.0
1.4
0.4
0.8
1.0
1.2
8705 G13
0.4
1.6
1.8
1.2
0.2
0.6
1.4
BOOST AND
BUCK-BOOST REGIONS
BUCK
REGION
TJ = 25°C
VIN (V)
5
2.0
2.5
3.0
65
75
35
45
55
8705 G14
1.5
1.0
15
25
0.5
0
3.5
GATEVCC CONNECTED TO INTVCC
125°C
25°C
–40°C
CSPIN-CSNIN (mV)
CSPOUT-CSNOUT (mV)
–100
–25
0
50
75
100
100
200
8705 G15
25
0
–50
150
50
200
125
150
175
TEMPERATURE (°C)
–50
60
80
100
25
75
150
8705 G16
40
20
0
–25
0
50
100 125
INTVCC (V)
2.5
2.5
3.0
6
8705 G17
2.0
1.5
3
4
3.5
4.5
5
5.5
3.5
125°C
25°C
–40°C
TEMPERATURE (°C)
–55
1.22
1.26
1.30
125
8705 G18
1.18
1.14
1.20
1.24
1.28
1.16
1.12
1.10
–15
25
65 85
–35
145
5
45
105
RISING
FALLING
SHDN
SWEN
TA = 25°C unless otherwise specified.


Similar Part No. - LT8705_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8705A LINER-LT8705A Datasheet
373Kb / 10P
   80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller
LT8705A LINER-LT8705A Datasheet
1Mb / 36P
   Hybrid Step-Down Synchronous Controller
logo
Analog Devices
LT8705A AD-LT8705A Datasheet
1Mb / 28P
   70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
Rev. 0
More results

Similar Description - LT8705_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8705A LINER-LT8705A Datasheet
373Kb / 10P
   80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller
LTC3777 LINER-LTC3777 Datasheet
2Mb / 38P
   150V VIN and VOUT Synchronous 4-Switch Buck-Boost Controller Switching Bias Supply
logo
Analog Devices
LT8210 AD-LT8210 Datasheet
7Mb / 44P
   100V Synchronous 4-Switch Buck-Boost DC/DC Controller
logo
Renesas Technology Corp
ISL81801 RENESAS-ISL81801 Datasheet
1Mb / 50P
   80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
Jun 2, 2021
logo
Texas Instruments
LM5175 TI1-LM5175 Datasheet
1Mb / 38P
[Old version datasheet]   42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176_19 Datasheet
2Mb / 37P
[Old version datasheet]   55-V Wide VIN synchronous 4-switch buck-boost controller
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936 TI1-LM34936 Datasheet
1Mb / 39P
[Old version datasheet]   30-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176 Datasheet
1Mb / 37P
[Old version datasheet]   55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com