Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA02206GJ Datasheet(PDF) 5 Page - Tyco Electronics

Part # MA02206GJ
Description  3.6V 0.5W RF Power Amplifier IC for DECT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02206GJ Datasheet(HTML) 5 Page - Tyco Electronics

  MA02206GJ Datasheet HTML 1Page - Tyco Electronics MA02206GJ Datasheet HTML 2Page - Tyco Electronics MA02206GJ Datasheet HTML 3Page - Tyco Electronics MA02206GJ Datasheet HTML 4Page - Tyco Electronics MA02206GJ Datasheet HTML 5Page - Tyco Electronics MA02206GJ Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3.6V 0.5W RF Power Amplifier IC for DECT
MA02206GJ
Specifications subject to change without notice.
902407 E
North America: Tel. (800)366-2266, Fax (800)618-8883
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information
DESIGNING WITH THE MA02206GJ
The MA02206GJ is built using a near-enhancement mode FET that operates from a single supply voltage. A negative
voltage is not required because the FET is designed to operate with a +0V DC gate bias.
There is no impedance matching or RF choking on this IC – these functions are supplied externally. This
approach offers the highest level of performance, the lowest bill of materials cost, and far fewer components
than a discrete design.
Output power and efficiency have been optimized for DECT conditions.
Input power must be kept between –2 and
+2dBm.
To duplicate MA02206GJ data sheet performance, your circuit board must recreate the same impedances developed on
this evaluation board. The table below has one-port s-parameter measurements looking into the traces on the evaluation
board. S-parameters of the MA02206GJ are not supplied because the device is designed to operate under large-signal
conditions.
Freq
VDD1 Pin 1
RFIN/VGG1 Pin 2
VGG2 Pin 4
RFOUT/VDD3 Pin 7
VDD2 Pin 8
GHz
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
0.2 0.98045
178.38
0.15583
92.45 0.98634
159.96 0.53341
119.98 0.99255
178.98
0.3 0.94299
158.86
0.34874
-79.64 0.99012
150.97 0.32398
106.05 0.97095
163.41
0.4 0.97932 -171.16
0.61727
89.09 0.98896
141.89 0.20397
98.78 0.98118 -178.46
0.5 0.98910 -178.37
0.53105
68.98 0.98414
132.81 0.10550
90.87 0.98448 -176.22
0.6 0.99498
177.21
0.81116
49.51 0.98671
124.13 0.01912
95.87 0.99955
176.46
0.7 0.99236
174.45
0.87096
32.24 0.98308
115.73 0.05548 -108.06 0.99916
173.24
0.8 0.99399
172.25
0.84304
20.09 0.98482
107.57 0.12170 -111.09 1.00072
170.74
0.9 0.99541
170.17
0.86887
16.78 0.98514
99.90 0.18593 -116.17 1.00140
168.47
1.0 0.99503
168.20
0.87209
9.18 0.98562
92.35 0.24519 -121.18 1.00119
166.28
1.1 0.99279
166.32
0.87044
1.42 0.97997
85.32 0.30304 -126.47 0.99926
164.20
1.2 0.99285
164.31
0.83274
-4.47 0.98220
78.49 0.35920 -131.80 0.99991
161.99
1.3 0.99423
162.46
0.80852
-11.26 0.98249
72.12 0.41315 -137.20 0.99956
159.92
1.4 0.98574
159.89
0.74573
-16.03 0.98284
65.97 0.46330 -142.60 0.99277
157.02
1.5 0.88116
157.23
0.66751
-21.70 0.97828
60.11 0.51088 -148.03 0.86762
154.31
1.6 0.97552
161.35
0.60211
-24.92 0.98255
54.23 0.55789 -153.43 0.98555
158.39
1.7 0.98767
158.42
0.53753
-28.44 0.98167
48.79 0.59900 -158.95 0.99642
155.25
1.8 0.99039
156.35
0.45804
-27.44 0.98173
43.48 0.63867 -164.21 0.99918
152.78
1.9 0.99244
154.61
0.41128
-25.54 0.98234
38.27 0.67512 -169.36 1.00119
150.69
2.0 0.98742
152.93
0.36682
-20.92 0.97956
33.43 0.70454 -174.44 0.99355
148.30
2.1 0.99010
151.31
0.34855
-16.52 0.97866
28.52 0.73360 -178.67 0.88062
147.26
2.2 0.98911
149.68
0.32313
-13.38 0.97966
23.87 0.76239
175.86 0.99684
146.97
2.3 0.99139
148.11
0.30695
-8.01 0.98028
19.13 0.78572
171.11 1.00029
144.53
2.4 0.98809
146.33
0.30024
-0.16 0.97910
14.65 0.80560
166.68 1.00005
142.46
2.5 0.99058
144.56
0.32491
3.85 0.97652
10.29 0.82474
162.24 1.00010
140.35
2.6 0.98513
142.80
0.32429
4.54 0.97751
5.87 0.83818
157.93 0.99560
138.31
2.7 0.98991
140.66
0.31415
7.56 0.97715
1.53 0.86018
153.55 0.99891
136.04
2.8 0.97904
138.58
0.31418
14.28 0.97600
-2.68 0.87076
149.33 0.98388
133.36
2.9 0.94926
136.15
0.33349
18.76 0.97526
-7.00 0.88376
145.18 0.95012
130.27
3.0 0.90603
138.55
0.36476
23.39 0.97179
-11.28 0.89423
141.16 0.86390
133.79
3.1 0.96258
137.61
0.43170
21.35 0.96761
-15.40 0.90136
136.54 0.95789
133.92
3.2 0.97824
135.30
0.42416
18.54 0.96919
-19.53 0.90933
132.45 0.97992
130.74


Similar Part No. - MA02206GJ

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA02206GJ MACOM-MA02206GJ Datasheet
288Kb / 6P
   3.6 V, 0.5 W, RF Power Amplifier IC for DECT, 1800 - 2000 MHz
MA02206GJ MACOM-MA02206GJ_1 Datasheet
288Kb / 6P
   3.6 V, 0.5 W, RF Power Amplifier IC for DECT, 1800 - 2000 MHz
More results

Similar Description - MA02206GJ

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA02205AF MACOM-MA02205AF Datasheet
245Kb / 5P
   3.6V 0.5W RF Power Amplifier IC for DECT
MA02204AF MACOM-MA02204AF Datasheet
162Kb / 4P
   3.3V 0.5W RF Power Amplifier IC for DECT
MA02104AF MACOM-MA02104AF Datasheet
166Kb / 4P
   3.6V 1.2W RF Power Amplifier IC for N-PCS/ISM900
MA02203AD MACOM-MA02203AD Datasheet
89Kb / 5P
   3.6 V, 450 mW DECT RF Power Amplifier IC
logo
TEMIC Semiconductors
U2761B TEMIC-U2761B Datasheet
271Kb / 11P
   DECT RF / IF IC
logo
Tyco Electronics
MA02206GJ MACOM-MA02206GJ_1 Datasheet
288Kb / 6P
   3.6 V, 0.5 W, RF Power Amplifier IC for DECT, 1800 - 2000 MHz
MAAPSS0107 MACOM-MAAPSS0107 Datasheet
313Kb / 6P
   3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz
logo
M/A-COM Technology Solu...
MAAPSS0071 MA-COM-MAAPSS0071 Datasheet
114Kb / 5P
   DECT Power Amplifier
logo
Tyco Electronics
MAAM-007219 MACOM-MAAM-007219 Datasheet
199Kb / 4P
   3.6 V, 450 mW DECT RF Power Amplifier IC 1880 - 1900 MHz
logo
M/A-COM Technology Solu...
MAAPSS0071 MA-COM-MAAPSS0071_15 Datasheet
114Kb / 5P
   DECT Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com