Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFSA2654TR13 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFSA2654TR13
Description  SERIAL CONTROLLED 7 DIGITAL STEP ATTENUATOR 5MHz TO 2000MHz, 6-BIT, 0.5dB
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2654TR13 Datasheet(HTML) 8 Page - RF Micro Devices

  RFSA2654TR13 Datasheet HTML 1Page - RF Micro Devices RFSA2654TR13 Datasheet HTML 2Page - RF Micro Devices RFSA2654TR13 Datasheet HTML 3Page - RF Micro Devices RFSA2654TR13 Datasheet HTML 4Page - RF Micro Devices RFSA2654TR13 Datasheet HTML 5Page - RF Micro Devices RFSA2654TR13 Datasheet HTML 6Page - RF Micro Devices RFSA2654TR13 Datasheet HTML 7Page - RF Micro Devices RFSA2654TR13 Datasheet HTML 8Page - RF Micro Devices RFSA2654TR13 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8 of 9
RFSA2654
DS121031
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Descriptions
Pin
Name
Description
1GND
Connect to Low Inductance Path to Ground.
2VDD
Power Supply.
3GND
Connect to Low Inductance Path to Ground.
4RF1
RF port. External DC block required.
5GND
Connect to Low Inductance Path to Ground.
6GND
Connect to Low Inductance Path to Ground.
7GND
Connect to Low Inductance Path to Ground.
8GND
Connect to Low Inductance Path to Ground.
9GND
Connect to Low Inductance Path to Ground.
10
GND
Connect to Low Inductance Path to Ground.
11
GND
Connect to Low Inductance Path to Ground.
12
GND
Connect to Low Inductance Path to Ground.
13
GND
Connect to Low Inductance Path to Ground.
14
GND
Connect to Low Inductance Path to Ground.
15
RF2
RF port. External DC block required.
16
GND
Connect to Low Inductance Path to Ground.
17
GND
Connect to Low Inductance Path to Ground.
18
GND
Connect to Low Inductance Path to Ground.
19
NC
No internal connection. EVB can be ground or no connect.
20
PUP
Power-up Programming pin.
Low = max attenuation (31.5dB) at power-up.
High = min attenuation (0dB) at power-up.
21
CLK
Serial Clock.
22
LE
Latch Enable.
23
NC
No internal connection; EVB can be ground or no connect.
24
DATA
Serial Data.
EPAD
GND
DC and RF Ground; Must be soldered to EVB ground plane over a bed of vias for thermal and RF performance.


Similar Part No. - RFSA2654TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2614 RFMD-RFSA2614 Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
RFSA2614PCK-410 RFMD-RFSA2614PCK-410 Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
RFSA2614PCK-410 RFMD-RFSA2614PCK-410 Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2614SQ RFMD-RFSA2614SQ Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
RFSA2614SQ RFMD-RFSA2614SQ Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
More results

Similar Description - RFSA2654TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2624 RFMD-RFSA2624_12 Datasheet
920Kb / 9P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
RFSA2644 RFMD-RFSA2644 Datasheet
1Mb / 12P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
RFSA2614 RFMD-RFSA2614_12 Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2514 RFMD-RFSA2514 Datasheet
1Mb / 13P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
RFSA2614 RFMD-RFSA2614 Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
   6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
F1975 RENESAS-F1975 Datasheet
3Mb / 27P
   6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
logo
RF Micro Devices
RFSA3715 RFMD-RFSA3715 Datasheet
1Mb / 20P
   5MHz to 4000MHz, Digital Step Attenuator
RFSA3513 RFMD-RFSA3513 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3523 RFMD-RFSA3523 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com