Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFSA2714 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFSA2714
Description  Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2714 Datasheet(HTML) 5 Page - RF Micro Devices

  RFSA2714 Datasheet HTML 1Page - RF Micro Devices RFSA2714 Datasheet HTML 2Page - RF Micro Devices RFSA2714 Datasheet HTML 3Page - RF Micro Devices RFSA2714 Datasheet HTML 4Page - RF Micro Devices RFSA2714 Datasheet HTML 5Page - RF Micro Devices RFSA2714 Datasheet HTML 6Page - RF Micro Devices RFSA2714 Datasheet HTML 7Page - RF Micro Devices RFSA2714 Datasheet HTML 8Page - RF Micro Devices RFSA2714 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5 of 9
RFSA2714
DS130211
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or c
customerservice@rfmd.com.
Truth Table
Control Bit
Relative Gain
Setting
C16
C8
C4
C2
C1
C0.5
C0.25
11
11
111
Max gain
11
11
110
-0.25dB
11
11
101
-0.5dB
11
11
011
-1dB
11
10
111
-2dB
11
01
111
-4dB
10
11
111
-8dB
01
11
111
-16dB
00
00
000
-31.75dB
Note: C0.25 = D0, C0.5 = D1, …, C16 = D6 (for the purpose of the example below)
Logic Voltage Levels
State
Logic
Low
0V to 0.8V
High
2.0V to 5.0V


Similar Part No. - RFSA2714

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2724 RFMD-RFSA2724 Datasheet
2Mb / 9P
   Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
RFSA2724PCK-410 RFMD-RFSA2724PCK-410 Datasheet
2Mb / 9P
   Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
RFSA2724SQ RFMD-RFSA2724SQ Datasheet
2Mb / 9P
   Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
RFSA2724SR RFMD-RFSA2724SR Datasheet
2Mb / 9P
   Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
RFSA2724TR13 RFMD-RFSA2724TR13 Datasheet
2Mb / 9P
   Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
More results

Similar Description - RFSA2714

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2724 RFMD-RFSA2724 Datasheet
2Mb / 9P
   Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
RFSA2534 RFMD-RFSA2534 Datasheet
1,012Kb / 12P
   50MHz to 4000MHz, Digital Step Attenuator
RFSA2614 RFMD-RFSA2614_12 Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2624 RFMD-RFSA2624_12 Datasheet
920Kb / 9P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
RFSA2524 RFMD-RFSA2524 Datasheet
1Mb / 13P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 1dB LSB
RFSA2644 RFMD-RFSA2644 Datasheet
1Mb / 12P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
RFSA2514 RFMD-RFSA2514 Datasheet
1Mb / 13P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
RFSA3715 RFMD-RFSA3715 Datasheet
1Mb / 20P
   5MHz to 4000MHz, Digital Step Attenuator
RFSA2614 RFMD-RFSA2614 Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
   50MHz to 6000MHz, Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com