Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFSA2624 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFSA2624
Description  SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2624 Datasheet(HTML) 8 Page - RF Micro Devices

  RFSA2624_12 Datasheet HTML 1Page - RF Micro Devices RFSA2624_12 Datasheet HTML 2Page - RF Micro Devices RFSA2624_12 Datasheet HTML 3Page - RF Micro Devices RFSA2624_12 Datasheet HTML 4Page - RF Micro Devices RFSA2624_12 Datasheet HTML 5Page - RF Micro Devices RFSA2624_12 Datasheet HTML 6Page - RF Micro Devices RFSA2624_12 Datasheet HTML 7Page - RF Micro Devices RFSA2624_12 Datasheet HTML 8Page - RF Micro Devices RFSA2624_12 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8 of 9
RFSA2624
DS110706
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
C0.25
1
VDD
2
GND/NC
3
RF1
4
GND/NC
5
NC
6
NC
13
GND/NC
14
RF2
15
GND/NC
16
GND/NC
17
GND/NC
18
U1
C7
C6
C5
C4
C3
C2
C1
GND
GND
GND
GND
GND
GND
GND
C05/DATA
C05/DATA
C1
C1
C2/LE
C2/LE
C4/CLK
C4/CLK
C8/PUP
C8/PUP
C16
C16
VDD
VDD
GND
C13
GND
C15
GND
C16
GND
C14
GND
GND
GND
GND
GND
GND
C11
C12
GND
GND
GND
GND
C17
GND
C18
GND
C19
C20
C025
C9
GND
C025
R7
1
2
3
4
5
6
7
8
9
P1
CON9
R8
C8
GND
1
J1
RF1
1
J2
RF2
1
J99
SMA
1
J100
SMA
CB2
12
TXD
1
DTR#
2
RTS#
3
VIO
4
RXD
5
RI#
6
GND
7
DSR#
8
DCD#
9
CTS#
10
CB4
11
GND
24
SLD
13
USB
14
VCC
15
PU2
16
PU1
17
CB3
18
3V3
19
RST
20
VCC
21
CB1
22
CB0
23
P2
UM232R
C025
C4/CLK
C1
C05/DATA
GND
C8/PUP
C16
C2/LE


Similar Part No. - RFSA2624_12

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2624PCK-410 RFMD-RFSA2624PCK-410 Datasheet
833Kb / 9P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR
RFSA2624SQ RFMD-RFSA2624SQ Datasheet
833Kb / 9P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR
RFSA2624SR RFMD-RFSA2624SR Datasheet
833Kb / 9P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR
RFSA2624TR13 RFMD-RFSA2624TR13 Datasheet
833Kb / 9P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR
RFSA2624TR7 RFMD-RFSA2624TR7 Datasheet
833Kb / 9P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR
More results

Similar Description - RFSA2624_12

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2644 RFMD-RFSA2644 Datasheet
1Mb / 12P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
RFSA2614 RFMD-RFSA2614_12 Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2514 RFMD-RFSA2514 Datasheet
1Mb / 13P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
RFSA2724 RFMD-RFSA2724 Datasheet
2Mb / 9P
   Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
RFSA2524 RFMD-RFSA2524 Datasheet
1Mb / 13P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 1dB LSB
RFSA2614 RFMD-RFSA2614 Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
RFSA2714 RFMD-RFSA2714 Datasheet
2Mb / 9P
   Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
RFSA2534 RFMD-RFSA2534 Datasheet
1,012Kb / 12P
   50MHz to 4000MHz, Digital Step Attenuator
RFSA2654 RFMD-RFSA2654 Datasheet
791Kb / 9P
   SERIAL CONTROLLED 7 DIGITAL STEP ATTENUATOR 5MHz TO 2000MHz, 6-BIT, 0.5dB
RDA1005L RFMD-RDA1005L Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 50MHZ TO 4000MHZ, 6 BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com