Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8042-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM8042-1
Description  Module Boost LED Driver and Current Source
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8042-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM8042-1_15 Datasheet HTML 6Page - Linear Technology LTM8042-1_15 Datasheet HTML 7Page - Linear Technology LTM8042-1_15 Datasheet HTML 8Page - Linear Technology LTM8042-1_15 Datasheet HTML 9Page - Linear Technology LTM8042-1_15 Datasheet HTML 10Page - Linear Technology LTM8042-1_15 Datasheet HTML 11Page - Linear Technology LTM8042-1_15 Datasheet HTML 12Page - Linear Technology LTM8042-1_15 Datasheet HTML 13Page - Linear Technology LTM8042-1_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTM8042/LTM8042-1
10
80421fb
For more information www.linear.com/LTM8042
TYPICAL PERFORMANCE CHARACTERISTICS
Maximum LED Current vs Input
Voltage, Boost Operation
Maximum LED Current vs Input
Voltage, Buck Mode
Efficiency vs VIN, Buck-Boost
Mode, 6.7V at 350mA LED String
Efficiency vs VIN, Buck-Boost
Mode, 9.7V at 350mA LED String
Efficiency vs VIN, Buck-Boost
Mode, 12.6V at 350mA LED String
INPUT VOLTAGE (V)
0
0
20
15
400
80421 G58
10
5
25
300
350
200
50
250
100
150
6.3V AT 350mA
15.5V AT 350mA
18.6V AT 350mA
21.7V AT 350mA
24.8V AT 350mA
INPUT VOLTAGE (V)
0
0
20
400
80421 G59
10
30
40
350
50
300
100
200
150
250
3.2V AT 350mA
6.3V AT 350mA
9.4V AT 350mA
12.4V AT 350mA
15.5V AT 350mA
18.6V AT 350mA
Efficiency vs VIN, Buck-Boost
Mode, 3.7V at 350mA LED String
TA = 25°C, unless otherwise noted.
LTM8042-1
Efficiency vs VIN, Buck Mode,
18.6V at 350mA LED String
Efficiency vs VIN, Buck-Boost
Mode, 15.6V at 350mA LED String
Efficiency vs VIN, Buck-Boost
Mode, 18.6V at 350mA LED String
VIN (V)
21
85
97
80421 G51
23
27
25
29
31
33
89
87
93
91
95
VIN (V)
0
0
90
80421 G52
10
20
30
40
40
20
70
60
30
10
50
80
VIN (V)
0
40
90
80421 G53
10
20
5
15
25
30
60
50
75
85
70
55
45
65
80
VIN (V)
0
50
90
80421 G54
10
20
5
15
25
30
60
75
85
70
55
65
80
VIN (V)
0
60
90
80421 G55
10
20
5
15
25
75
85
70
65
80
VIN (V)
0
70
88
80421 G56
10
15
20
76
86
74
72
82
80
78
84
VIN (V)
5
75
87
80421 G57
11
13
7
9
15
77
85
81
79
83


Similar Part No. - LTM8042-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8042-1 LINER-LTM8042-1 Datasheet
352Kb / 26P
   38VIN Boost 關Module Regulator for LED Drive with 10A Switch
More results

Similar Description - LTM8042-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8042 LINER-LTM8042_15 Datasheet
301Kb / 32P
   Module Boost LED Driver and Current Source
LTM8042 LINER-LTM8042 Datasheet
267Kb / 32P
   關Module Boost LED Driver and Current Source
logo
Diodes Incorporated
AL3066 DIODES-AL3066 Datasheet
495Kb / 14P
   FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
AL3065 DIODES-AL3065 Datasheet
573Kb / 15P
   FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
AP3064 DIODES-AP3064 Datasheet
707Kb / 20P
   FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
logo
Linear Technology
LTM8040 LINER-LTM8040_15 Datasheet
220Kb / 20P
   36V, 1A Module LED Driver and Current Source
logo
Integrated Silicon Solu...
IS31LT3554 ISSI-IS31LT3554 Datasheet
340Kb / 13P
   BOOST TYPE LED DRIVER WITH 4-CHANNEL CURRENT SOURCE
logo
BCD Semiconductor Manuf...
AP3612 BCDSEMI-AP3612 Datasheet
684Kb / 18P
   Boost Type LED Driver with 12-Channel Current Source
logo
Integrated Silicon Solu...
IS31LT3552 ISSI-IS31LT3552 Datasheet
326Kb / 13P
   BOOST TYPE LED DRIVER WITH 2-CHANNEL CURRENT SOURCE
IS32BL3552 ISSI-IS32BL3552 Datasheet
350Kb / 13P
   BOOST TYPE LED DRIVER WITH 2-CHANNEL CURRENT SOURCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com