Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8042 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8042
Description  Module Boost LED Driver and Current Source
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8042 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8042_15 Datasheet HTML 3Page - Linear Technology LTM8042_15 Datasheet HTML 4Page - Linear Technology LTM8042_15 Datasheet HTML 5Page - Linear Technology LTM8042_15 Datasheet HTML 6Page - Linear Technology LTM8042_15 Datasheet HTML 7Page - Linear Technology LTM8042_15 Datasheet HTML 8Page - Linear Technology LTM8042_15 Datasheet HTML 9Page - Linear Technology LTM8042_15 Datasheet HTML 10Page - Linear Technology LTM8042_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTM8042/LTM8042-1
7
80421fb
For more information www.linear.com/LTM8042
TYPICAL PERFORMANCE CHARACTERISTICS
Junction Temperature Rise vs Load,
Buck Mode, 10.9V at 1A LED String
Junction Temperature Rise
vs Load, Buck-Boost Mode,
3.8V at 1A LED String
Junction Temperature Rise
vs Load, Buck-Boost Mode,
8.3V at 1A LED String
Junction Temperature Rise
vs Load, Buck-Boost Mode,
2.9V at 1A LED String
Junction Temperature Rise vs Load,
Buck Mode, 2.9V at 1A LED String
Junction Temperature Rise vs Load,
Buck Mode, 3.8V at 1A LED String
Junction Temperature Rise vs Load,
Buck Mode, 8.3V at 1A LED String
Junction Temperature Rise vs Load,
Buck Mode, 13.6V at 1A LED String
Junction Temperature Rise vs Load,
Buck Mode, 18.1V at 1A LED String
LED CURRENT (mA)
0
0
600
400
18
80421 G26
200
800
1000
10
12
6
8
16
14
2
4
12VIN
24VIN
LED CURRENT (mA)
0
0
600
400
18
80421 G27
200
800
1000
10
12
6
8
16
14
2
4
12VIN
24VIN
LED CURRENT (mA)
0
0
600
400
25
80421 G28
200
800
1000
10
5
20
15
12VIN
24VIN
LED CURRENT (mA)
0
0
600
400
25
80421 G29
200
800
1000
10
5
20
15
24VIN
LED CURRENT (mA)
0
0
600
400
30
25
80421 G30
200
800
1000
10
5
20
15
24VIN
LED CURRENT (mA)
0
0
600
400
25
80421 G31
200
800
1000
10
5
20
15
24VIN
LED CURRENT (mA)
0
0
600
400
25
80421 G32
200
800
1000
10
5
20
15
12VIN
5VIN
24VIN
LED CURRENT (mA)
0
0
600
400
30
25
80421 G33
200
800
1000
10
5
20
15
12VIN
24VIN
5VIN
LED CURRENT (mA)
0
0
600
400
40
25
80421 G34
200
800
1000
10
5
20
35
30
15
12VIN
TA = 25°C, unless otherwise noted.
LTM8042


Similar Part No. - LTM8042_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8042-1 LINER-LTM8042-1 Datasheet
352Kb / 26P
   38VIN Boost 關Module Regulator for LED Drive with 10A Switch
LTM8042-1 LINER-LTM8042-1_15 Datasheet
301Kb / 32P
   Module Boost LED Driver and Current Source
More results

Similar Description - LTM8042_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8042-1 LINER-LTM8042-1_15 Datasheet
301Kb / 32P
   Module Boost LED Driver and Current Source
LTM8042 LINER-LTM8042 Datasheet
267Kb / 32P
   關Module Boost LED Driver and Current Source
logo
Diodes Incorporated
AL3066 DIODES-AL3066 Datasheet
495Kb / 14P
   FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
AL3065 DIODES-AL3065 Datasheet
573Kb / 15P
   FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
AP3064 DIODES-AP3064 Datasheet
707Kb / 20P
   FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
logo
Linear Technology
LTM8040 LINER-LTM8040_15 Datasheet
220Kb / 20P
   36V, 1A Module LED Driver and Current Source
logo
Integrated Silicon Solu...
IS31LT3554 ISSI-IS31LT3554 Datasheet
340Kb / 13P
   BOOST TYPE LED DRIVER WITH 4-CHANNEL CURRENT SOURCE
logo
BCD Semiconductor Manuf...
AP3612 BCDSEMI-AP3612 Datasheet
684Kb / 18P
   Boost Type LED Driver with 12-Channel Current Source
logo
Integrated Silicon Solu...
IS31LT3552 ISSI-IS31LT3552 Datasheet
326Kb / 13P
   BOOST TYPE LED DRIVER WITH 2-CHANNEL CURRENT SOURCE
IS32BL3552 ISSI-IS32BL3552 Datasheet
350Kb / 13P
   BOOST TYPE LED DRIVER WITH 2-CHANNEL CURRENT SOURCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com