Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4639 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4639
Description  Low VIN 20A DC/DC Module Step-Down Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4639 Datasheet(HTML) 2 Page - Linear Technology

  LTM4639_15 Datasheet HTML 1Page - Linear Technology LTM4639_15 Datasheet HTML 2Page - Linear Technology LTM4639_15 Datasheet HTML 3Page - Linear Technology LTM4639_15 Datasheet HTML 4Page - Linear Technology LTM4639_15 Datasheet HTML 5Page - Linear Technology LTM4639_15 Datasheet HTML 6Page - Linear Technology LTM4639_15 Datasheet HTML 7Page - Linear Technology LTM4639_15 Datasheet HTML 8Page - Linear Technology LTM4639_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTM4639
2
4639f
For more information www.linear.com/LTM4639
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, CPWR, OT_TEST .................................. –0.3V to 10V
VOUT_LCL, PGOOD, EXTVCC.......................... –0.3V to 6V
MODE_PLLIN, fSET, TRACK/SS,
VOSNS–, VOSNS+, DIFF_OUT...................–0.3V to INTVCC
VFB, COMPA, COMPB (Note 7) ................. –0.3V to 2.7V
RUN (Note 5) ............................................... –0.3V to 5V
INTVCC Peak Output Current (Note 6)..................100mA
Internal Operating Temperature Range
(Note 2).................................................. –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Maximum Peak Body Reflow Temperature ........... 245°C
(Note 1)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Range
Input DC Voltage Range
VIN < 4.5V, CPWR Bias
l
2.375
7
V
CPWR Voltage
4.5
5
6
V
VOUT Range
Output DC Voltage Range
l
0.6
5.5
V
VOUT(DC)
Output Voltage, Total
Variation with Line and
Load
CIN = 22µF × 3, CPWR = 5V
COUT = 100µF Ceramic, 470µF POSCAP
RFB = 40.2k, MODE_PLLIN = GND
VIN = 2.375V to 7V, IOUT = 0A to 20A (Note 4)
l
1.477
1.50
1.523
V
The l denotes the specifications which apply over the specified internal
operating temperature range (Note 2), otherwise specifications are at TA = 25°C. VIN = 3.3V, CPWR = 5V, per the typical application in
Figure 22.
ORDER INFORMATION
BGA PACKAGE
133-LEAD (15mm × 15mm × 4.92mm)
VIN
1
2
3
4
5
6
7
8
10
9
11
12
B
C
D
E
F
G
H
J
K
L
A
M
INTVCC
fSET
COMPA
TRACK/SS
MODE_PLLIN
INTVCC
TOP VIEW
SGND
VOUT
VIN
GND
TEMP+
TEMP
EXTVCC
VFB
PGOOD
PGOOD
CPWR
OT_TEST
RUN
VOSNS+
DIFF_OUT
VOUT_LCL
VOSNS–
COMPB
TJ(MAX) = 125°C, θJA = 9.5°C/W, θJCbottom = 4°C/W, θJCtop = 6.7°C/W, θJB = 4.5°C/W
θJA DERIVED FROM 95mm × 76mm PCB WITH 4 LAYERS; WEIGHT = 2.8g
θ VALUES DETERMINED PER JESD51-12
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM4639EY#PBF
SAC305 (RoHS)
LTM4639Y
e1
BGA
4
–40°C to 125°C
LTM4639IY#PBF
LTM4639Y
LTM4639IY
SnPb (63/37)
LTM4639Y
e0
BGA
4
–40°C to 125°C
• Consult Marketing for parts specified with wider operating temperature
ranges. *Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures: www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings: www.linear.com/packaging


Similar Part No. - LTM4639_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4639 LINER-LTM4639 Datasheet
1Mb / 28P
   Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
LTM4639 LINER-LTM4639 Datasheet
579Kb / 32P
   Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4639 LINER-LTM4639 Datasheet
720Kb / 34P
   Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4639 LINER-LTM4639 Datasheet
662Kb / 36P
   Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
LTM4639 LINER-LTM4639 Datasheet
2Mb / 38P
   Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
More results

Similar Description - LTM4639_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4639 LINER-LTM4639 Datasheet
579Kb / 32P
   Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4637 LINER-LTM4637_15 Datasheet
615Kb / 30P
   20A DC/DC Module Step-Down Regulator
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
   20A DC/DC 關Module Step-Down Regulator
logo
Analog Devices
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
   Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
LTM4691 AD-LTM4691 Datasheet
1Mb / 22P
   Low VIN, High Efficiency, Dual 2A Step-Down DC/DC 關Module Regulator
logo
Linear Technology
LTM4649 LINER-LTM4649_15 Datasheet
1Mb / 30P
   10A Step-Down DC/DC Module Regulator
LTM4648 LINER-LTM4648 Datasheet
380Kb / 28P
   Low VIN, 10A Step-Down 關Module Regulator
LTC7812EUH LINER-LTC7812EUH Datasheet
429Kb / 14P
   Wide VIN, Step-Up Step-Down DC/DC Converter
logo
Panasonic Semiconductor
AN30180A PANASONIC-AN30180A Datasheet
360Kb / 17P
   VIN = 2.5V to 5.5V 1.2A Synchronous DC-DC Step Down Regulator
logo
Linear Technology
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
   Triple 10A Step-Down DC/DC Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com