Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPP3870 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPP3870
Description  GaAs/GaN Push Pull Hybrid GaAs/GaN Push Pull Hybridz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPP3870 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPP3870 Datasheet HTML 1Page - RF Micro Devices RFPP3870 Datasheet HTML 2Page - RF Micro Devices RFPP3870 Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141010
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 3
RFPP3870
GaAs/GaN Push Pull Hybrid
45MHz to 1218MHz
The RFPP3870 is a Hybrid Push Pull amplifier module. The
part employs GaAs HFET die, GaAs pHemt die and GaN
HEMT die and operates from 45MHz to 1218MHz. It provides
excellent linearity and superior return loss performance with
low noise and optimal reliability.
INPUT
OUTPUT
V+
Package: SOT-115J
Features
Excellent Linearity
Superior Return Loss Performance
Extremely Low Distortion
Optimal Reliability
Low Noise
Unconditionally Stable Under All
Terminations
28.0dB Min. Gain at 1218MHz
270mA Max. at 24VDC
Applications
45MHz to 1218MHz CATV
Amplifier Systems
Ordering Information
RFPP3870
Box with 50 pieces
Absolute Maximum Ratings
Parameter
Rating
Unit
RF Input Voltage (single tone)
75
dBmV
DC Supply Over-Voltage (5 minutes)
30
V
Storage Temperature
-40 to +100
°C
Operating Mounting Base Temperature
-30 to +100
°C
Caution! ESD sensitive device.
RoHS (Restriction of Hazardous
Substances): Compliant per EU Directive
2011/65/EU.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
RFPP3870


Similar Part No. - RFPP3870

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPP3870 QORVO-RFPP3870 Datasheet
195Kb / 4P
   CATV Push Pull Hybrid 1218MHz 28dB
More results

Similar Description - RFPP3870

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA9831 QORVO-QPA9831 Datasheet
218Kb / 4P
   GaAs/GaN Push Pull Hybrid 45MHTz teo m12p18laMtHez
March 2021
logo
RF Micro Devices
RFCM3080 RFMD-RFCM3080 Datasheet
709Kb / 6P
   40-1003MHZ GAAS/GAN PUSH PULL MODULE
RFCM4363 RFMD-RFCM4363 Datasheet
509Kb / 8P
   45-1218MHZ GAAS/GAN PUSH PULL MODULE
RFPP3180 RFMD-RFPP3180 Datasheet
133Kb / 3P
   GaAs Push Pull Hybrid
logo
Qorvo, Inc
RFCM4363 QORVO-RFCM4363 Datasheet
436Kb / 9P
   45-1218 MHz GaAs/GaN Push Pull Module
logo
RF Micro Devices
S8740220GT RFMD-S8740220GT Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
S8740240P12 RFMD-S8740240P12 Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
S10040220P12 RFMD-S10040220P12 Datasheet
265Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 1000MHz
S8740240P RFMD-S8740240P Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
S10040140P1 RFMD-S10040140P1 Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 1000MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com