Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPP2590 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFPP2590
Description  GaAs Push Pull Hybrid 45MHz to 1200MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPP2590 Datasheet(HTML) 3 Page - RF Micro Devices

  RFPP2590 Datasheet HTML 1Page - RF Micro Devices RFPP2590 Datasheet HTML 2Page - RF Micro Devices RFPP2590 Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140219
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 3
RFPP2590
Package Drawing (Dimensions in millimeters)
1 2 3 5 7 8 9
R
O
Q
M
5
10mm
0
scale
B
N
L
F
A
D
H
øG
T
S
P
J
U
I
E
C
K
European
Projection
Nominal
Min
Max
A
44,6
± 0,2
44,4
44,8
B
13,6
± 0,2
44,4
13,8
C
20,4
± 0,5
19,9
20,9
D
8
± 0,15
7,85
8,15
E
12,6
± 0,15
12,45
12,75
F
38,1
± 0,2
37,9
38,3
G
4
+0,2 / -0,05
3,95
4,2
H
4
± 0,2
3,8
4,2
I
25,4
± 0,2
25,2
25,6
J
UNC 6-32
-
-
K
4,2
± 0,2
4,0
4,4
L
27,2
± 0,2
27,0
27,4
M
11,6
± 0,5
11,1
12,1
N
5,8
± 0,4
5,4
6,2
O
0,25
± 0,02
0,23
0,27
P
0,45
± 0,03
0,42
0,48
Q
2,54
± 0,3
2,24
2,84
R
2,54
± 0,5
2,04
3,04
S
2,54
± 0,25
2,29
2,79
T
5,08
± 0,25
4,83
5,33
U
5,08
± 0,25
4,83
5,33
Pin
Name
1
Input
2-3
GND
4
5
+VB
6
7-8
GND
9
Output
Pinning:
Notes:
13,4


Similar Part No. - RFPP2590

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPP2590 QORVO-RFPP2590 Datasheet
268Kb / 3P
   GaAs Push Pull Hybrid 45MHz to 1200MHz
More results

Similar Description - RFPP2590

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPP2590 QORVO-RFPP2590 Datasheet
268Kb / 3P
   GaAs Push Pull Hybrid 45MHz to 1200MHz
RFPP3180 QORVO-RFPP3180 Datasheet
132Kb / 3P
   GaAs Push Pull Hybrid 45MHz to 1218MHz
logo
RF Micro Devices
RFPD2580 RFMD-RFPD2580 Datasheet
129Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1200MHz
logo
Qorvo, Inc
RFOS601X QORVO-RFOS601X Datasheet
351Kb / 4P
   GaAs Optical Receiver 45MHz to 1200MHz
logo
RF Micro Devices
RFPP3180 RFMD-RFPP3180 Datasheet
133Kb / 3P
   GaAs Push Pull Hybrid
RFXF0006 RFMD-RFXF0006 Datasheet
334Kb / 4P
   45MHz to 1200MHz Operation
S8740220GT RFMD-S8740220GT Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
S8740240P12 RFMD-S8740240P12 Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
S10040220P12 RFMD-S10040220P12 Datasheet
265Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 1000MHz
S8740240P RFMD-S8740240P Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com