Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4630-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4630-1
Description  Dual 18A or Single 36A Module Regulator with 0.8% DC and 3% Transient Accuracy
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630-1 Datasheet(HTML) 3 Page - Linear Technology

  LTM4630-1_15 Datasheet HTML 1Page - Linear Technology LTM4630-1_15 Datasheet HTML 2Page - Linear Technology LTM4630-1_15 Datasheet HTML 3Page - Linear Technology LTM4630-1_15 Datasheet HTML 4Page - Linear Technology LTM4630-1_15 Datasheet HTML 5Page - Linear Technology LTM4630-1_15 Datasheet HTML 6Page - Linear Technology LTM4630-1_15 Datasheet HTML 7Page - Linear Technology LTM4630-1_15 Datasheet HTML 8Page - Linear Technology LTM4630-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTM4630-1
3
46301f
For more information www.linear.com/LTM4630-1
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range. Specified as each individual output channel. TA = 25°C (Note 2), VIN = 12V and VRUN1, VRUN2 at 5V
unless otherwise noted. Per the typical application in Figure 25.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input DC Voltage
l
4.5
15
V
VOUT
Output Voltage
l
0.6
1.8
V
VOUT1(DC),
VOUT2(DC)
Output Voltage, Total Variation with
Line and Load
CIN = 22µF × 3, COUT = 100µF × 1 Ceramic,
470µF POSCAP, RFB = 40.2kΩ
VIN = 12V, VOUT = 1.5V, IOUT = 0A to 18A
A-Grade (0.8%)
B-Grade (1.5%)
l
l
1.488
1.477
1.5
1.5
1.512
1.523
V
V
Input Specifications
VRUN1, VRUN2
RUN Pin On/Off Threshold
RUN Rising
1.1
1.25
1.40
V
VRUN1HYS, VRUN2HYS RUN Pin On Hysteresis
150
mV
IINRUSH(VIN)
Input Inrush Current at Start-Up
IOUT = 0A, CIN = 22µF ×3, CSS = 0.01µF,
COUT = 100µF ×3, VOUT1 = 1.5V, VOUT2 = 1.5V,
VIN = 12V
1
A
IQ(VIN)
Input Supply Bias Current
VIN = 12V, VOUT = 1.5V, Burst Mode® Operation
VIN = 12V, VOUT = 1.5V, Pulse-Skipping Mode
VIN = 12V, VOUT= 1.5V, Switching Continuous
Shutdown, RUN = 0, VIN = 12V
3
15
65
50
mA
mA
mA
µA
IS(VIN)
Input Supply Current
VIN = 5V, VOUT = 1.5V, IOUT = 18A
VIN = 12V, VOUT = 1.5V, IOUT = 18A
6
2.6
A
A
Output Specifications
IOUT1(DC), IOUT2(DC) Output Continuous Current Range
VIN = 12V, VOUT = 1.5V (Note 7)
0
18
A
ΔVOUT1(LINE)/VOUT1
ΔVOUT2(LINE)/VOUT2
Line Regulation Accuracy
VOUT = 1.5V, VIN from 4.5V to 15V
IOUT = 0A for Each Output,
l
0.01
0.03
%/V
ΔVOUT1/VOUT1
ΔVOUT2/VOUT2
Load Regulation Accuracy
For Each Output, VOUT = 1.5V, 0A to 18A
VIN = 12V (Note 7)
A-Grade
B-Grade
l
l
0.1
0.2
0.3
0.5
%
%
VOUT1(AC), VOUT2(AC) Output Ripple Voltage
For Each Output, IOUT = 0A, COUT = 100µF ×3/
X7R/Ceramic, 470µF POSCAP, VIN = 12V,
VOUT = 1.5V, Frequency = 450kHz
15
mVP-P
fS (Each Channel)
Output Ripple Voltage Frequency
VIN = 12V, VOUT = 1.5V, fSET = 1.25V (Note 4)
500
kHz
fSYNC
(Each Channel)
SYNC Capture Range
400
780
kHz
ΔVOUTSTART
(Each Channel)
Turn-On Overshoot
COUT = 100µF/X5R/Ceramic, 470µF POSCAP,
VOUT = 1.5V, IOUT = 0A VIN = 12V
10
mV
tSTART
(Each Channel)
Turn-On Time
COUT = 100µF/X5R/Ceramic, 470µF POSCAP,
No Load, TRACK/SS with 0.01µF to GND,
VIN = 12V
5
ms
ΔVOUT(LS)
(Each Channel)
Peak Deviation for Dynamic Load
Load: 0% to 25% to 0% of Full Load
COUT = 5 × 220µF Ceramic
VIN = 12V, VOUT = 1.5V
83
mV
tSETTLE
(Each Channel)
Settling Time for Dynamic Load
Step
Load: 0% to 25% to 0% of Full Load,
VIN = 12V, VOUT = 1.5V, COUT = 5 × 220µF
Ceramic
40
µs
IOUT(PK)
(Each Channel)
Output Current Limit
VIN = 12V, VOUT = 1.5V
30
A


Similar Part No. - LTM4630-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4630-1A LINER-LTM4630-1A Datasheet
421Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
LTM4630-1B LINER-LTM4630-1B Datasheet
421Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
More results

Similar Description - LTM4630-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4630EY-1 LINER-LTM4630EY-1 Datasheet
883Kb / 8P
   Dual 18A or Single 36A 關Module Regulator with 짹0.8% DC and 짹3% Transient Accuracy
LTM4630 LINER-LTM4630_15 Datasheet
643Kb / 34P
   Dual 18A or Single 36A DC/DC Module Regulator
LTM4650-1 LINER-LTM4650-1 Datasheet
662Kb / 36P
   Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
LTM4630 LINER-LTM4630 Datasheet
643Kb / 34P
   Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4630A LINER-LTM4630A Datasheet
1Mb / 38P
   Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4677EY LINER-LTM4677EY Datasheet
1Mb / 12P
   Dual 18A or Single 36A 關Module Regulator
LTM4630EV LINER-LTM4630EV Datasheet
803Kb / 8P
   High Efficiency Dual 18A or Single 36A 關Module Regulator
LTM4650A LINER-LTM4650A Datasheet
2Mb / 38P
   Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
LTM4650A-1 LINER-LTM4650A-1 Datasheet
1Mb / 36P
   Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
   Dual 9A or Single 18A Module Regulator with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com