Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4628 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4628
Description  Dual 8A or Single 16A DC/DC Module Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4628 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4628_15 Datasheet HTML 4Page - Linear Technology LTM4628_15 Datasheet HTML 5Page - Linear Technology LTM4628_15 Datasheet HTML 6Page - Linear Technology LTM4628_15 Datasheet HTML 7Page - Linear Technology LTM4628_15 Datasheet HTML 8Page - Linear Technology LTM4628_15 Datasheet HTML 9Page - Linear Technology LTM4628_15 Datasheet HTML 10Page - Linear Technology LTM4628_15 Datasheet HTML 11Page - Linear Technology LTM4628_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTM4628
8
4628fe
For more information www.linear.com/LTM4628
PIN FUNCTIONS
TRACK1, TRACK2 (E5, D8): Output Voltage Tracking Pin
and Soft-Start Inputs. Each channel has a 1.3µA pull-up
current source. When one channel is configured to be
master of the two channels, then a capacitor from this pin
to ground will set a soft-start ramp rate. The remaining
channel can be set up as the slave, and have the master’s
output applied through a voltage divider to the slave out-
put’s track pin. This voltage divider is equal to the slave
output’s feedback divider for coincidental tracking. See
the Applications Information section.
COMP1, COMP2 (E6, E7): Current control threshold and
error amplifier compensation point for each channel. The
current comparator threshold increases with this control
voltage. Tie the COMP pins together for parallel operation.
The device is internal compensated.
DIFFP (E8): Positive input of the remote sense amplifier.
Thispinisconnectedtotheremotesensepointoftheoutput
voltage. Use of the remote sense amplifier is limited to an
outputvoltagebetween0.6Vand3.3Vinclusive.Connectto
GND if not used. See the Applications Information section.
DIFFN (E9): Negative input of the remote sense amplifier.
This pin is connected to the remote sense point of the
output GND. See the Applications Information section.
MODE_PLLIN (F4): Force Continuous Mode, Burst Mode
Operation, or Pulse-Skipping Mode Selection Pin and
External Synchronization Input to Phase Detector Pin.
Connect this pin to SGND to force both channels into
force continuous mode of operation. Connect to INTVCC
to enable pulse-skipping mode of operation. Leaving the
pin floating will enable Burst Mode operation. A clock on
the pin will force both channels into continuous mode of
operation and synchronized to the external clock applied
to this pin.
RUN1, RUN2 (F5, F9): Run Control Pin. A voltage above
1.25V will turn on each channel in the module. A voltage
below 1.25V on the RUN pin will turn off the related chan-
nel. Each RUN pin has a 1µA pull-up current, once the
RUN pin reaches 1.2V an additional 4.5µA pull-up current
is added to this pin.
DIFFOUT (F8): Internal Remote Sense Amplifier Output.
Connect this pin to VOUTS1 or VOUTS2 depending on which
output is using remote sense. In parallel operation con-
nect one of the VOUTS pin to DIFFOUT for remote sensing.
Leave floating if the remote sense amplifier is not used.
SW1, SW2 (G2, G11): Switching node of each channel
that is used for testing purposes. Also an R-C snubber
network can be applied to reduce or eliminate switch node
ringing, otherwise leave floating. See the Applications
Information section.
PHASMD(G4):ConnectthispintoSGND,INTVCC,orfloat-
ing this pin to select the phase of CLKOUT to 60 degrees,
120 degrees, and 90 degrees respectively.
CLKOUT (G5): Clock output with phase control using the
PHASMD pin to enable multiphase operation between
devices. See the Applications Information section.
PGOOD1, PGOOD2 (G9, G8): Output Voltage Power
Good Indicator. Open drain logic output that is pulled to
ground when the output voltage is not within ±7.5% of
the regulation point.
INTVCC (H8): Internal 5V Regulator Output. The control
circuits and internal gate drivers are powered from this
voltage. INTVCC is controlled and enabled when RUN1 or
RUN2 is activated high. Decouple this pin to PGND with
a 4.7µF low ESR tantalum or ceramic.
TEMP (J6): Onboard Temperature Diode for Monitoring
the VBE Junction Voltage Change with Temperature. See
the Applications Information section.
EXTVCC (J7): External power input that is enabled through
a switch to INTVCCwhenever EXTVCC is greater than 4.7V.
Do not exceed 6V on this input, and connect this pin to
VIN when operating VIN on 5V. An efficiency increase will
occur that is a function of the (VIN – INTVCC) multiplied by
powerMOSFETdrivercurrent.Typicalcurrentrequirement
is 30mA. VIN must be applied before EXTVCC, and EXTVCC
must be removed before VIN.
VIN (M2-M11, L2-L11, J2-J4, J9-J11, K2-K4, K9-K11):
Power Input Pins. Apply input voltage between these pins
and GND pins. Recommend placing input decoupling
capacitance directly between VIN pins and GND pins.
(Recommended to Use Test Points to Monitor Signal Pin Connections.)


Similar Part No. - LTM4628_15

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
More results

Similar Description - LTM4628_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4628 LINER-LTM4628 Datasheet
704Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4642IY LINER-LTM4642IY Datasheet
1Mb / 14P
   20VIN, DUAL 4A or SINGLE 8A DC/DC 關MODULE REGULATOR
LTM4642 LINER-LTM4642 Datasheet
1Mb / 32P
   20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
LTM4630 LINER-LTM4630_15 Datasheet
643Kb / 34P
   Dual 18A or Single 36A DC/DC Module Regulator
LTM4620A LINER-LTM4620A_15 Datasheet
716Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620 LINER-LTM4620_15 Datasheet
657Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4630A LINER-LTM4630A Datasheet
1Mb / 38P
   Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4650AEY LINER-LTM4650AEY Datasheet
1Mb / 12P
   Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4662 LINER-LTM4662 Datasheet
581Kb / 34P
   Dual 15A or Single 30A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com