Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4620A Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4620A
Description  Dual 13A or Single 26A DC/DC Module Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4620A Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4620A_15 Datasheet HTML 7Page - Linear Technology LTM4620A_15 Datasheet HTML 8Page - Linear Technology LTM4620A_15 Datasheet HTML 9Page - Linear Technology LTM4620A_15 Datasheet HTML 10Page - Linear Technology LTM4620A_15 Datasheet HTML 11Page - Linear Technology LTM4620A_15 Datasheet HTML 12Page - Linear Technology LTM4620A_15 Datasheet HTML 13Page - Linear Technology LTM4620A_15 Datasheet HTML 14Page - Linear Technology LTM4620A_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
LTM4620A
11
4620afb
For more information www.linear.com/LTM4620A
OPERATION
Power Module Description
The LTM4620A is a dual-output standalone nonisolated
switching mode DC/DC power supply. It can provide two
13A outputs with few external input and output capacitors
and setup components. This module provides precisely
regulated output voltages programmable via external
resistors from 0.6VDC to 5.3VDC over 4.5V to 16V input
voltages. The typical application schematic is shown in
Figure 26. See Note 8 in the Electrical Characteristics
section for output current guideline.
TheLTM4620Ahasdualintegratedconstant-frequencycur-
rent mode regulators and built-in power MOSFET devices
with fast switching speed. The typical switching frequency
is 500kHz. For switching-noise sensitive applications, it
can be externally synchronized from 400kHz to 780kHz.
A resistor can be used to program a free run frequency
on the fSET pin. See the Applications Information section.
With current mode control and internal feedback loop
compensation, the LTM4620A module has sufficient
stability margins and good transient performance with
a wide range of output capacitors, even with all ceramic
output capacitors.
Current mode control provides cycle-by-cycle fast current
limitandfoldbackcurrentlimitinanovercurrentcondition.
Internal overvoltage and undervoltage comparators pull
the open-drain PGOOD outputs low if the output feedback
voltage exits a ±10% window around the regulation point.
As the output voltage exceeds 10% above regulation, the
bottom MOSFET will turn on to clamp the output voltage.
ThetopMOSFETwillbeturnedoff.Thisovervoltageprotect
is feedback voltage referred.
Pulling the RUN pins below 1.1V forces the regulators into
ashutdownstate,byturningoffbothMOSFETs.TheTRACK
pinsareusedforprogrammingtheoutputvoltagerampand
voltage tracking during start-up or used for soft-starting
the regulator. See the Applications Information section.
TheLTM4620Aisinternallycompensatedtobestableover
all operating conditions. Table 5 provides a guide line for
input and output capacitances for several operating condi-
tions. LTpowerCAD™ is available for transient and stability
analysis. The VFB pin is used to program the output volt-
age with a single external resistor to ground. A differential
remote sense amplifier is available for sensing the output
voltage accurately on one of the outputs at the load point,
or in parallel operation sensing the output voltage at the
load point.
Multiphase operation can be easily employed with the
MODE_PLLIN, PHASMD, and CLKOUT pins. Up to 12
phases can be cascaded to run simultaneously with re-
spect to each other by programming the PHMODE pin to
different levels. See the Applications Information section.
High efficiency at light loads can be accomplished with
selectable Burst Mode operation or pulse-skipping opera-
tion using the MODE pin. These light load features will
accommodate battery operation. Efficiency graphs are
providedforlightloadoperationintheTypicalPerformance
Characteristics section. See the Applications Information
section for details.
A TEMP pin is provided to allow the internal device tem-
peraturetobemonitoredusinganonboarddiodeconnected
PNP transistor. This diode connected PNP transistor is
grounded in the module and can be used as a general
temperature monitor using a device that is designed to
monitor the single-ended connecton.


Similar Part No. - LTM4620A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4620A LINER-LTM4620A Datasheet
554Kb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
LTM4620A LINER-LTM4620A Datasheet
1Mb / 36P
   Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
logo
Linear Dimensions Semic...
LTM4620A LINEAR_DIMENSIONS-LTM4620A Datasheet
872Kb / 30P
   Dual 8A per Channel Low VIN DC/DC 關Module Regulator
logo
Linear Technology
LTM4620A LINER-LTM4620A Datasheet
2Mb / 136P
   Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
LTM4620A LINER-LTM4620A Datasheet
1Mb / 32P
   20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
More results

Similar Description - LTM4620A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4620 LINER-LTM4620_15 Datasheet
657Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620 LINER-LTM4620 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM4620A LINER-LTM4620A Datasheet
554Kb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A Datasheet
2Mb / 136P
   Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
LTM4630 LINER-LTM4630_15 Datasheet
643Kb / 34P
   Dual 18A or Single 36A DC/DC Module Regulator
LTM4628 LINER-LTM4628_15 Datasheet
1Mb / 36P
   Dual 8A or Single 16A DC/DC Module Regulator
LTM4630A LINER-LTM4630A Datasheet
1Mb / 38P
   Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4650AEY LINER-LTM4650AEY Datasheet
1Mb / 12P
   Dual 25A or Single 50A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com