Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPA5512SQ Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA5512SQ
Description  WiFi Integrated PA Module 4.9GHz to 5.85GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5512SQ Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA5512SQ Datasheet HTML 1Page - RF Micro Devices RFPA5512SQ Datasheet HTML 2Page - RF Micro Devices RFPA5512SQ Datasheet HTML 3Page - RF Micro Devices RFPA5512SQ Datasheet HTML 4Page - RF Micro Devices RFPA5512SQ Datasheet HTML 5Page - RF Micro Devices RFPA5512SQ Datasheet HTML 6Page - RF Micro Devices RFPA5512SQ Datasheet HTML 7Page - RF Micro Devices RFPA5512SQ Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150128
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 8
RFPA5512
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
-0.5 to +6
VDC
DC Supply Current
1000
mA
Operating Temperature Range
-40 to +85
ºC
Storage Temperature
-40 to +150
ºC
Maximum TX Input Power
into 50Ω for 11a/n/ac (No Damage).
*R1=0
+10
dBm
Maximum TX Input Power 10:1 VSWR for 11a/n/ac (No Damage).
*R1=15Ω
+15
dBm
Moisture Sensitivity Level (260°C JEDEC J-STD-020)
MSL2
*Note: For R1 placement please refer to the applications schematic
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied. This is an
InGaP PA designed for high duty cycle applications with
Tj>100
oC.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Compliance
IEEE802.11a/n/ac
Operating Frequency
5.180
5.925
GHz
Extended Operating Frequency
4.900
5.180
GHz
Power Supply VCC
4.75
5.00
5.25
V
Power Supply VREF
2.85
2.90
2.95
V
T= +25ºC, VCC=5.0V, VREF = 2.90V, Over Operating Frequency
Range, Unless Otherwise Noted
IEEE802.11ac 80MHz Output
Power
22
23
dBm
MCS9, 256QAM
IEEE802.11ac 80MHz EVM
1.5
1.8
%
-36.5
-35
dB
IEEE802.11n 20/40MHz Output
Power
23.5
25
dBm
MCS7, 64QAM
IEEE802.11n 40MHz EVM
2.5
3
%
-32.0
-30.5
dB
Large Signal Gain
31
33
dB
Gain Variation over Temp
-2.0
+2.0
dB
Over Any 100MHz Frequency band
Margin to Spectral Mask
5
0
dB
POUT=25dBm; MCS0 80MHz
5
0
dB
POUT=26dBm; MCS0 40MHz
5
0
dB
POUT=27dBm; MCS0 20MHz, 11a 6Mbps
Operating Current
275
325
mA
POUT=23dBm
375
420
mA
POUT=27dBm
Quiescent Current
140
mA
VREF Current
12
mA
Leakage Current
100
250
nA
RF OFF; VREF = 0V
Second Harmonic
-45
-40
dBm/
MHz
POUT = 27dB Over Operating Frequency band.
Third Harmonic
-50
-45
dBm/
MHz
OOB Rejection
-5
dB
Gain (S21)@ 3.3 – 3.8GHz
7
dB
Gain ( S21)@ 7.0 GHz
RFPA5512


Similar Part No. - RFPA5512SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPA5512SQ QORVO-RFPA5512SQ Datasheet
396Kb / 8P
   WiFi Integrated PA Module 4.9GHz to 5.85GHz
More results

Similar Description - RFPA5512SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPA5512 QORVO-RFPA5512 Datasheet
396Kb / 8P
   WiFi Integrated PA Module 4.9GHz to 5.85GHz
logo
RF Micro Devices
RFPA5542 RFMD-RFPA5542 Datasheet
391Kb / 7P
   WiFi Integrated PA Module 4.9GHz to 5.925GHz
RFPA5522 RFMD-RFPA5522 Datasheet
274Kb / 9P
   WiFi Integrated PA Module 4.9GHz to 5.925GHz
logo
Qorvo, Inc
RFPA5542 QORVO-RFPA5542 Datasheet
416Kb / 8P
   WiFi Integrated PA Module 4.9GHz to 5.925GHz
logo
RF Micro Devices
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
logo
Qorvo, Inc
RFFM8550 QORVO-RFFM8550 Datasheet
344Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Switch LNA Module
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
   4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM4501F RFMD-RFFM4501F Datasheet
232Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com