Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPA5026TR7 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFPA5026TR7
Description  4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5026TR7 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RFPA5026TR7 Datasheet HTML 3Page - RF Micro Devices RFPA5026TR7 Datasheet HTML 4Page - RF Micro Devices RFPA5026TR7 Datasheet HTML 5Page - RF Micro Devices RFPA5026TR7 Datasheet HTML 6Page - RF Micro Devices RFPA5026TR7 Datasheet HTML 7Page - RF Micro Devices RFPA5026TR7 Datasheet HTML 8Page - RF Micro Devices RFPA5026TR7 Datasheet HTML 9Page - RF Micro Devices RFPA5026TR7 Datasheet HTML 10Page - RF Micro Devices RFPA5026TR7 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7 of 16
RFPA5026
DS121114
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
5.15GHz to 5.35GHz Application Circuit Data
(VCC=VPC=5.0V, IQ=563mA)
RF Power (VDET) versus POUT F=5.15GHz
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
POUT (dBm)
-40°C
+25°C
+85°C
RF Power (VDET) versus POUT F=5.35GHz
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
POUT (dBm)
-40°C
+25°C
+85°C
DC Supply Current versus POUT, T=+25°C
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
POUT (dBm)
5.15GHz
5.35GHz
Noise Figure F=5.15GHZ to 5.35GHz
4.0
4.5
5.0
5.5
6.0
6.5
7.0
5150
5200
5250
5300
5350
Frequency (MHz)
25°C
85°C


Similar Part No. - RFPA5026TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA5200 RFMD-RFPA5200 Datasheet
811Kb / 8P
   3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
logo
Qorvo, Inc
RFPA5200 QORVO-RFPA5200 Datasheet
811Kb / 8P
   3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
logo
RF Micro Devices
RFPA5200PCK-410 RFMD-RFPA5200PCK-410 Datasheet
811Kb / 8P
   3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
logo
Qorvo, Inc
RFPA5200PCK-410 QORVO-RFPA5200PCK-410 Datasheet
811Kb / 8P
   3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
logo
RF Micro Devices
RFPA5200PCK-411 RFMD-RFPA5200PCK-411 Datasheet
811Kb / 8P
   3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
More results

Similar Description - RFPA5026TR7

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SZP-5026Z SIRENZA-SZP-5026Z Datasheet
397Kb / 14P
   4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
logo
RF Micro Devices
SZA-5044Z RFMD-SZA-5044Z Datasheet
470Kb / 12P
   4.9GHz to 5.9GHz 5V POWER AMPLIFIER
logo
Qorvo, Inc
SZA-5044Z QORVO-SZA-5044Z Datasheet
470Kb / 12P
   4.9GHz to 5.9GHz 5V POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2850EVKIT MAXIM-MAX2850EVKIT Datasheet
3Mb / 26P
   4.9GHz to 5.9GHz ISM band Evaluation Kit
Rev 0; 3/16
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
SPA-1526Z RFMD-SPA-1526Z Datasheet
374Kb / 14P
   0.7GHz to 2.2GHz 2W InGaP HBT AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
   2.2-2.7GHz 2W InGaP Amplifier
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
   2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
SPB-2026Z SIRENZA-SPB-2026Z Datasheet
317Kb / 12P
   1.7-2.2GHz 2W InGaP Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com