Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPA2545PCK-412 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFPA2545PCK-412
Description  Broadband 4W GaAs HBT Power Amplifier 1400MHz to 2700MHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2545PCK-412 Datasheet(HTML) 3 Page - RF Micro Devices

  RFPA2545PCK-412 Datasheet HTML 1Page - RF Micro Devices RFPA2545PCK-412 Datasheet HTML 2Page - RF Micro Devices RFPA2545PCK-412 Datasheet HTML 3Page - RF Micro Devices RFPA2545PCK-412 Datasheet HTML 4Page - RF Micro Devices RFPA2545PCK-412 Datasheet HTML 5Page - RF Micro Devices RFPA2545PCK-412 Datasheet HTML 6Page - RF Micro Devices RFPA2545PCK-412 Datasheet HTML 7Page - RF Micro Devices RFPA2545PCK-412 Datasheet HTML 8Page - RF Micro Devices RFPA2545PCK-412 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150130
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 19
RFPA2545
Parameter
Specification
Unit
Condition
Min
Typ
Max
2110MHz to 2170MHz
Continued
VCC = VBIAS = VREG = 5V, Temp = 25°C, Optimized for
ACPR at Rated Power
Noise Figure
5.7
dB
Input Power (PIN)
19
dBm
Max recommended continuous PIN, VCC = VBIAS = 5V, Load VSWR = 2:1
2590MHz to 2690MHz
VCC = VBIAS = VREG = 5V, Temp = 25°C, Optimized for
ACPR at Rated Power
Frequency
2640
MHz
Gain
11.8
dB
Output IP3
48.1
dBm
POUT 18dBm per tone, 1MHz spacing
ACPR
-51.9
dBc
RF Output power = 25dBm, WCDMA 3GPP 3.5, test model 1, 64 DPCH
P1dB
35.6
dBm
Input Return Loss
-21
dB
Small signal S11
Output Return Loss
-25
dB
Small signal S22
Noise Figure
5.9
dB
Input Power (PIN)
20
dBm
Max recommended continuous PIN, VCC = VBIAS = 5V, Load VSWR = 2:1
Power Supply
Operating Current (Quiescent)
800
mA
At VCC = VBIAS = 5V, VREG = 5V
Thermal Resistance
8
°C/W
Junction-to-back side of IC, at VCC = VBIAS = VREG = 5V, reference Temp = 85°C,
No RF
Shutdown Leakage Current
10
µA
At VCC = VBIAS = 5V, VREG = 5V


Similar Part No. - RFPA2545PCK-412

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2002 RFMD-RFPA2002 Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002PCK-410 RFMD-RFPA2002PCK-410 Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002SQ RFMD-RFPA2002SQ Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002SR RFMD-RFPA2002SR Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002TR7 RFMD-RFPA2002TR7 Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
More results

Similar Description - RFPA2545PCK-412

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA2013 RFMD-RFPA2013 Datasheet
1Mb / 20P
   GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA2189 RFMD-RFPA2189 Datasheet
863Kb / 11P
   GaAs HBT POWER AMPLIFIER 0.5W, 400MHz to 2700MHz
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
   GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
logo
List of Unclassifed Man...
RFPA2013 ETC2-RFPA2013 Datasheet
677Kb / 1P
   RFPA2013 and RFPA2189 GaAs HBT Power Amplifier, 0.5W, 400 to 2700MHz
logo
RF Micro Devices
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
   InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
logo
Renesas Technology Corp
F1180 RENESAS-F1180 Datasheet
2Mb / 43P
   Dual Path Lowband RF Receiver 1400MHz to 2700MHz
February 8, 2022
logo
Integrated Device Techn...
IDTF1180NBGI IDT-IDTF1180NBGI Datasheet
3Mb / 43P
   Dual Path Highband RF Receiver 1400MHz to 2700MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com