Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPA2235SQ Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA2235SQ
Description  Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2235SQ Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA2235SQ Datasheet HTML 1Page - RF Micro Devices RFPA2235SQ Datasheet HTML 2Page - RF Micro Devices RFPA2235SQ Datasheet HTML 3Page - RF Micro Devices RFPA2235SQ Datasheet HTML 4Page - RF Micro Devices RFPA2235SQ Datasheet HTML 5Page - RF Micro Devices RFPA2235SQ Datasheet HTML 6Page - RF Micro Devices RFPA2235SQ Datasheet HTML 7Page - RF Micro Devices RFPA2235SQ Datasheet HTML 8Page - RF Micro Devices RFPA2235SQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2 of 20
RFPA2235
DS121121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC and VBIAS)7.0
V
Collector Current
1500
mA
CW Input Power, 50
33
dBm
Modulated (WCDMA) Input Power, 6:1 Out-
put VSWR
18
dBm
Operating Junction Temperature (TJ)165
°C
Operating Temperature Range (TL)-40 to +85
°C
Storage Temperature
-40 to +150
°C
ESD Rating: Human Body Model (HBM)
Class 1C
Moisture Sensitvity Level
MSL1
Notes: 1. The maximum ratings must all be met simultaneously.
2. PDISS = PDC + PRFIN - PRFOUT
3. TJ = TL + PDISS * RTH
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
728MHz to 768MHz
VCC = 5.0V, Temp = 25°C, Optimized for -60dBc ACPR
power
Frequency
748
MHz
Input Power (PIN)
15
dBm
Max Recommended Continuous CW Input Power,
VCC=5.0V, Load VSWR=2:1
Gain (S21)
14.2
15.7
17.2
dB
ACPR
-60.5
-55
dBc
RF Output Power = 18dBm, WCDMA 3GPP 3.5,
test model 1, 64 DPCH
P1dB
32
dBm
OIP3
45
dBm
15dBm per tone, 1MHz Spacing. Optimized for best ACPR.
Input Return Loss (S11)
18
dB
Output Return Loss (S22)
10
dB
Noise Figure
8
dB
2.11GHz to 2.17GHz
VCC = 5.0V, Temp = 25°C, Optimized for -60dBc ACPR
power
Frequency
2.14
GHz
Input Power (PIN)
16
dBm
Max Recommended Continuous CW Input Power,
VCC=5.0V, Load VSWR=2:1
Gain (S21)
11.513
15.5dB
ACPR
-61
-55
dBc
RF Output Power = 20dBm, WCDMA 3GPP 3.5, test model
1, 64 DPCH
P1dB
32.8
dBm
OIP3
47
dBm
15dBm per tone, 1MHz Spacing. Optimized for best ACPR.
Input Return Loss (S11)
18
dB
Output Return Loss (S22)
15
dB
Noise Figure
5
dB
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.


Similar Part No. - RFPA2235SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2224PCK-410 RFMD-RFPA2224PCK-410 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2224PCK-411 RFMD-RFPA2224PCK-411 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2224PCK-412 RFMD-RFPA2224PCK-412 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2224SQ RFMD-RFPA2224SQ Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
More results

Similar Description - RFPA2235SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2026 RFMD-RFPA2026 Datasheet
3Mb / 25P
   3-Stage Power Amplifier Module, 2W 700MHz to 2700MHz
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2016 RFMD-RFPA2016 Datasheet
3Mb / 25P
   3-Stage Power Amplifier, 1W 700MHz to 2700MHz
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
   GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
RFPA0802 RFMD-RFPA0802 Datasheet
962Kb / 13P
   Integrated Power Amplifier 700MHz to 950MHz
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
   700MHz to 2.7GHz 5V 1W Power Amplifier
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
   InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com