Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPA2235SQ Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFPA2235SQ
Description  Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2235SQ Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFPA2235SQ Datasheet HTML 7Page - RF Micro Devices RFPA2235SQ Datasheet HTML 8Page - RF Micro Devices RFPA2235SQ Datasheet HTML 9Page - RF Micro Devices RFPA2235SQ Datasheet HTML 10Page - RF Micro Devices RFPA2235SQ Datasheet HTML 11Page - RF Micro Devices RFPA2235SQ Datasheet HTML 12Page - RF Micro Devices RFPA2235SQ Datasheet HTML 13Page - RF Micro Devices RFPA2235SQ Datasheet HTML 14Page - RF Micro Devices RFPA2235SQ Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11 of 20
RFPA2235
DS121121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance
(VCC=VBIAS=VREG=5V, 2.11GHz to 2.17GHz Application Circuit)
25
26
27
28
29
30
31
32
33
34
35
2.11
2.12
2.13
2.14
2.15
2.16
2.17
Frequency (GHz)
P1dB versus Frequency
25°C
-40°C
85°C
40
41
42
43
44
45
46
47
48
49
50
2.11
2.12
2.13
2.14
2.15
2.16
2.17
Frequency (GHz)
Output IP3 versus Frequency
(15dBm Tones, 1MHz Spacing)
25°C
-40°C
85°C
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
Output Power per Tone (dBm)
IM3 versus Power
(2140MHz, 1MHz Tone Spacing)
25°C
-40°C
85°C


Similar Part No. - RFPA2235SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2224PCK-410 RFMD-RFPA2224PCK-410 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2224PCK-411 RFMD-RFPA2224PCK-411 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2224PCK-412 RFMD-RFPA2224PCK-412 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2224SQ RFMD-RFPA2224SQ Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
More results

Similar Description - RFPA2235SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2026 RFMD-RFPA2026 Datasheet
3Mb / 25P
   3-Stage Power Amplifier Module, 2W 700MHz to 2700MHz
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2016 RFMD-RFPA2016 Datasheet
3Mb / 25P
   3-Stage Power Amplifier, 1W 700MHz to 2700MHz
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
   GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
RFPA0802 RFMD-RFPA0802 Datasheet
962Kb / 13P
   Integrated Power Amplifier 700MHz to 950MHz
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
   700MHz to 2.7GHz 5V 1W Power Amplifier
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
   InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com