Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPA2224 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFPA2224
Description  Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2224 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RFPA2224 Datasheet HTML 3Page - RF Micro Devices RFPA2224 Datasheet HTML 4Page - RF Micro Devices RFPA2224 Datasheet HTML 5Page - RF Micro Devices RFPA2224 Datasheet HTML 6Page - RF Micro Devices RFPA2224 Datasheet HTML 7Page - RF Micro Devices RFPA2224 Datasheet HTML 8Page - RF Micro Devices RFPA2224 Datasheet HTML 9Page - RF Micro Devices RFPA2224 Datasheet HTML 10Page - RF Micro Devices RFPA2224 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7 of 19
RFPA2224
DS121121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
728MHz to 768MHz Application Circuit
Evaluation Board Bill of Materials (BOM)
728MHz to 768MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
400MHz to 2700MHz, 1W, 5V High Gain Linear PA
U1
RFMD
PA2224
CAP, 10µF, 10%, 10V, TANT-A
C5, C8
AVX Corporation
TAJA106K010R
CAP, 10000pF, 10%, 16V, X7R, 0402
C6, C10
Taiyo Yuden (USA), Inc.
RM EMK105BJ103KV-F
CAP, 100pF, 5%, 50V, C0G, 0402
C7, C11-C12, C21
Murata Electronics
GRM1555C1H101JA01D
CAP, 10pF, 2%, 50V, HI-Q, 0402
C15
Johanson Technology
500R07S100GV4T
CAP, 7.5pF, +/-0.1pF, 50V, HI-Q, 0402
C19
Johanson Technology
500R07S7R5BV4TD
CONN, SMA, END LNCH, RND PIN, 0.039"
J1-J2
Gigalane Co., Ltd.
PSF-S01-002
IND, 47nH, 5%, W/W, 0603
L1
Coilcraft, Inc.
0603HC-47NXJLW
IND, 6.8nH, 5%, W/W, 0402
L2
Coilcraft, Inc.
0402CS-6N8XJL
IND, 4.7nH, 5%, W/W, 0402
L3
Coilcraft, Inc.
0402CS-4N7XJLW
CONN, HDR, ST, PLRZD, 4-PIN, 0.100"
P1
ITW Pancon
MPSS100-4-C
CONN, HDR, ST, PLRZD, 3-PIN, 0.100"
P2
ITW Pancon
MPSS100-3-C
RES, 1K, 5%, 1/16W, 0402
R1
Kamaya, Inc
RMC1/16S-102JTH
4.3K Ω, 5%, 1/16W, 0402, LEAD FREE
R2
KOA Speer Electronics, Inc.
RK73B1ETTP432J
RES, 0Ω, 0402
R3
Kamaya, Inc
RMC1/16SJPTH
RES, 43K, 5%, 1/16W, 0402
R4
Kamaya, Inc
RMC1/16S-433JTH
GND
GND
C8
10uF
L1
47nH
C10
10000pF
C11
100pF
GND
C7
100pF
GND
C6
10000pF
GND
VCC
VCC
VBIAS
VBIAS
GND
C5
10uF
GND
VDET
GND
GND
R1
1K
VREG
GND
GND
1
2
3
P2
GND
VREG
VDET
VBIAS
1
NC
2
RFIN
3
RFIN
4
NC
5
VPC
6
VDET
7
RFOUT/VCC
8
RFOUT/VCC
9
RFOUT/VCC
10
RFOUT/VCC
11
NC
12
U1
PA2224
R2
4.3K
GND
R4
43K
GND
R3
0 Ohm
GND
GND
J1
RFIN
J2
RFOUT
1
2
3
4
P1
GND
C19
7.5pF
GND
C21
100pF
C12
100pF
L2
6.8nH
L3
4.7nH
C15
10pF
GND


Similar Part No. - RFPA2224

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
RFPA2226-EVB1 RFMD-RFPA2226-EVB1 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
RFPA2226-EVB2 RFMD-RFPA2226-EVB2 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
RFPA2226SQ RFMD-RFPA2226SQ Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
RFPA2226SR RFMD-RFPA2226SR Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
More results

Similar Description - RFPA2224

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2016 RFMD-RFPA2016 Datasheet
3Mb / 25P
   3-Stage Power Amplifier, 1W 700MHz to 2700MHz
RFPA2235 RFMD-RFPA2235 Datasheet
1Mb / 20P
   Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
   GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
RFPA2026 RFMD-RFPA2026 Datasheet
3Mb / 25P
   3-Stage Power Amplifier Module, 2W 700MHz to 2700MHz
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
   700MHz to 2.7GHz 5V 1W Power Amplifier
RFPA0802 RFMD-RFPA0802 Datasheet
962Kb / 13P
   Integrated Power Amplifier 700MHz to 950MHz
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
   InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com