Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6945 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6945
Description  Ultralow Noise and Spurious 0.35GHz to 6GHz Integer-N Synthesizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6945 Datasheet(HTML) 5 Page - Linear Technology

  LTC6945_15 Datasheet HTML 1Page - Linear Technology LTC6945_15 Datasheet HTML 2Page - Linear Technology LTC6945_15 Datasheet HTML 3Page - Linear Technology LTC6945_15 Datasheet HTML 4Page - Linear Technology LTC6945_15 Datasheet HTML 5Page - Linear Technology LTC6945_15 Datasheet HTML 6Page - Linear Technology LTC6945_15 Datasheet HTML 7Page - Linear Technology LTC6945_15 Datasheet HTML 8Page - Linear Technology LTC6945_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC6945
5
6945fa
For more information www.linear.com/LTC6945
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VREF+ = VREF0+ = VD+ = VRF+ = VVCO+ = 3.3V, VCP+ = 5V unless
otherwise specified. All voltages are with respect to GND.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Phase Noise and Spurious
LM(MIN)
Output Phase Noise Floor (Note 5)
RFO[1:0] = 3, OD[2:0] = 1, fRF = 6GHz
RFO[1:0] = 3, OD[2:0] = 2, fRF = 3GHz
RFO[1:0] = 3, OD[2:0] = 3, fRF = 2GHz
RFO[1:0] = 3, OD[2:0] = 4, fRF = 1.5GHz
RFO[1:0] = 3, OD[2:0] = 5, fRF = 1.2GHz
RFO[1:0] = 3, OD[2:0] = 6, fRF = 1.0GHz
–155
–155
–156
–156
–157
–158
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
LM(NORM)
Normalized In-Band Phase Noise Floor
ICP = 11.2mA (Notes 6, 7, 8)
–226
dBc/Hz
LM(NORM –1/f) Normalized In-Band 1/f Phase Noise
ICP = 11.2mA (Notes 6, 9)
–274
dBc/Hz
LM(IB)
In-Band Phase Noise Floor
(Notes 6, 7, 8, 10)
–99
dBc/Hz
Integrated Phase Noise from 100Hz to
40MHz
(Notes 4, 7, 10)
0.13
°RMS
Spurious
Reference Spur, PLL locked (Notes 4, 7, 10, 11)
–102
dBc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC6945I is guaranteed to meet specified performance limits
over the full operating junction temperature range of –40°C to 105°C.
Under maximum operating conditions, air flow or heat sinking may
be required to maintain a junction temperature of 105°C or lower. It is
strongly recommended that the exposed pad (Pin 29) be soldered directly
to the ground plane with an array of thermal vias as described in the
Applications Information section.
Note 3: For 0.9V ≤ VCP ≤ (VCP+ – 0.9V).
Note 4: VCO is Crystek CVCO55CL-0902-0928.
Note 5: fVCO = 6GHz, fOFFSET = 40MHz.
Note 6: Measured inside the loop bandwidth with the loop locked.
Note 7: Reference frequency supplied by Wenzel 501-04608A,
fREF = 10MHz, PREF = 13dBm.
Note 8: Output phase noise floor is calculated from normalized phase
noise floor by LM(OUT) = –226 + 10log10(fPFD) + 20log10(fRF/fPFD).
Note 9: Output 1/f phase noise is calculated from normalized 1/f phase
noise by LM(OUT –1/f) = –274 + 20log10 (fRF) – 10log10 (fOFFSET).
Note 10: ICP = 11.2mA, fPFD = 250kHz, fRF = 914MHz, FILT[1:0] = 3, Loop
BW = 7kHz.
Note 11: Measured using DC1649.
Typical perForMance characTerisTics
REF Input Sensitivity vs
Frequency
REFO Output Power vs Frequency
REFO Phase Noise
FREQUENCY (MHz)
0
–35
–30
–25
200 225
6945 G01
–40
–45
–55
50
100
150
25
250
75
125
175
–50
–15
–20
TJ = 105°C
TJ = 25°C
TJ = –40°C
BST = 1
FILT = 0
FREQUENCY (MHz)
0
0
1
2
200 225
6945 G02
–1
–2
–4
50
100
150
25
250
75
125
175
–3
4
3
TJ = 105°C
TJ = 25°C
TJ = –40°C
OFFSET FREQUENCY (Hz)
–155
–150
–145
–140
100
10k
100k
1M
5M
6945 G03
–160
1k
POUT = 1.45dBm
fREF = 10MHz
BST = 1
FILT = 3
NOTE 7


Similar Part No. - LTC6945_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6945 LINER-LTC6945 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC6945 LINER-LTC6945 Datasheet
1Mb / 36P
   Low Phase Noise, Dual Output Buffer/Driver/Logic Converter
LTC6945 LINER-LTC6945 Datasheet
405Kb / 24P
   16-Bit, 20Msps Serial Low Noise Dual ADC
More results

Similar Description - LTC6945_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6947 LINER-LTC6947_15 Datasheet
428Kb / 32P
   Ultralow Noise 0.35GHz to 6GHz Fractional-N Synthesizer
LTC6946 LINER-LTC6946_15 Datasheet
576Kb / 32P
   Ultralow Noise and Spurious 0.37GHz to 6.39GHz Integer-N Synthesizer with Integrated VCO
LTC6946 LINER-LTC6946 Datasheet
386Kb / 30P
   Ultralow Noise and Spurious 0.37GHz to 5.7GHz Integer-N Synthesizer with Integrated VCO
LTC6947 LINER-LTC6947 Datasheet
948Kb / 10P
   Ultralow Noise and Spurious Fractional-N Synthesizer
LTC6948 LINER-LTC6948 Datasheet
818Kb / 10P
   Ultralow Noise and Spurious Fractional-N Synthesizer with Integrated VCO
logo
Asahi Kasei Microsystem...
AK1546 AKM-AK1546 Datasheet
676Kb / 39P
   3GHz Low Noise Integer-N Frequency Synthesizer
AK1545 AKM-AK1545 Datasheet
840Kb / 39P
   3.5GHz Low Noise Integer-N Frequency Synthesizer
AK1548 AKM-AK1548 Datasheet
706Kb / 42P
   8GHz Low Noise Integer-N Frequency Synthesizer
AK1547 AKM-AK1547 Datasheet
679Kb / 37P
   4GHz Low Noise Integer-N Frequency Synthesizer
AK1542A AKM-AK1542A Datasheet
998Kb / 37P
   20 to 600MHz Integer-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com