Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPA0802TR7 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFPA0802TR7
Description  Integrated Power Amplifier 700MHz to 950MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA0802TR7 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFPA0802TR7 Datasheet HTML 5Page - RF Micro Devices RFPA0802TR7 Datasheet HTML 6Page - RF Micro Devices RFPA0802TR7 Datasheet HTML 7Page - RF Micro Devices RFPA0802TR7 Datasheet HTML 8Page - RF Micro Devices RFPA0802TR7 Datasheet HTML 9Page - RF Micro Devices RFPA0802TR7 Datasheet HTML 10Page - RF Micro Devices RFPA0802TR7 Datasheet HTML 11Page - RF Micro Devices RFPA0802TR7 Datasheet HTML 12Page - RF Micro Devices RFPA0802TR7 Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150209
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
10 of 13
RFPA0802
Evaluation Board Bill of Materials (BOM) 700MHz to 950MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
DUT
U1
RFMD, Inc.
RFPA0802
CAP, 22µF, 10%, 10V, TANT-A
C4
AVX Corporation
TAJA226K010RNJ
CAP, 4.7µF, 10%, 6.3V, X5R, 0805
C5-C6
Taiyo Yuden (USA), Inc.
CE MJK212 BJ475KD-T
CAP, 1000pF, 10%, 50V, X7R, 0402
C7, C9
Taiyo Yuden (USA), Inc.
RM UMK105BJ102KV-F
CAP, 10000pF, 10%, 25V, X7R, 0402
C8
Taiyo Yuden (USA), Inc.
RM TMK105BJ103KV-F
CONN, SMA, EL MINI FLT 0.048”
SPE-000311
J1-J4
Amphenol RF Asia Corp.
901-10362
CONN, HDR, ST, PLRZD, 9-PIN
P1
ITW Pancon
MPSS100-9-C
Do Not Place
C1-C3, C10-C12, R1-R2


Similar Part No. - RFPA0802TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA0133 RFMD-RFPA0133 Datasheet
718Kb / 8P
   3 TO 5 V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
Qorvo, Inc
RFPA0133 QORVO-RFPA0133 Datasheet
668Kb / 9P
   3 TO 5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
RF Micro Devices
RFPA0133PCK-410 RFMD-RFPA0133PCK-410 Datasheet
718Kb / 8P
   3 TO 5 V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
RFPA0133PCK-410 RFMD-RFPA0133PCK-410 Datasheet
668Kb / 9P
   5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
logo
Qorvo, Inc
RFPA0133PCK-410 QORVO-RFPA0133PCK-410 Datasheet
668Kb / 9P
   3 TO 5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
More results

Similar Description - RFPA0802TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
   700MHz to 2.7GHz 5V 1W Power Amplifier
logo
Renesas Technology Corp
F1420 RENESAS-F1420 Datasheet
2Mb / 20P
   RF Amplifier 700MHz to 1.1GHz
logo
RF Micro Devices
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2235 RFMD-RFPA2235 Datasheet
1Mb / 20P
   Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
RFPA2016 RFMD-RFPA2016 Datasheet
3Mb / 25P
   3-Stage Power Amplifier, 1W 700MHz to 2700MHz
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
   GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
RFPA2026 RFMD-RFPA2026 Datasheet
3Mb / 25P
   3-Stage Power Amplifier Module, 2W 700MHz to 2700MHz
logo
Linear Technology
LT1886 LINER-LT1886 Datasheet
331Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
LT1886 LINER-LT1886_15 Datasheet
277Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
logo
RF Micro Devices
RFPA2002 RFMD-RFPA2002 Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com