Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFMD2081SB Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFMD2081SB
Description  45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2081SB Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFMD2081SB Datasheet HTML 7Page - RF Micro Devices RFMD2081SB Datasheet HTML 8Page - RF Micro Devices RFMD2081SB Datasheet HTML 9Page - RF Micro Devices RFMD2081SB Datasheet HTML 10Page - RF Micro Devices RFMD2081SB Datasheet HTML 11Page - RF Micro Devices RFMD2081SB Datasheet HTML 12Page - RF Micro Devices RFMD2081SB Datasheet HTML 13Page - RF Micro Devices RFMD2081SB Datasheet HTML 14Page - RF Micro Devices RFMD2081SB Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11 of 18
RFMD2081
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
2
REF_IN
10
MODE/GP06
9
NC
11
GPO1/ADD1
15
TM
12
RF_OUT_N
13
RF_OUT_P
14
GPO2/ADD2
16
RESETX
29
GPO3/FM
25
GPO4/LD/DO
26
NC
27
NC
28
SDATA
32
ENX
30
SCLK
31
GND
33


Similar Part No. - RFMD2081SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFMD2081 QORVO-RFMD2081 Datasheet
2Mb / 18P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
More results

Similar Description - RFMD2081SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFMD2081 QORVO-RFMD2081 Datasheet
2Mb / 18P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
logo
RF Micro Devices
RFMD2080 RFMD-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
logo
Texas Instruments
TRF372017 TI1-TRF372017_16 Datasheet
1Mb / 60P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
TRF372017 TI1-TRF372017 Datasheet
2Mb / 62P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
logo
RF Micro Devices
RFMD2014 RFMD-RFMD2014 Datasheet
771Kb / 10P
   DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
logo
Qorvo, Inc
RFFC2071 QORVO-RFFC2071 Datasheet
1Mb / 23P
   2.7GHz RF SYNTHESIZER/VCO WITH 2.7GHz RF SYNTHESIZER/VCO WITH
logo
Texas Instruments
TRF3040 TI-TRF3040 Datasheet
576Kb / 40P
[Old version datasheet]   MODULATOR/SYNTHESIZER
logo
NEC
UPC8158K NEC-UPC8158K_01 Datasheet
66Kb / 5P
   AGC/UP-CONVERTER WITH IQ MODULATOR
logo
Analog Devices
ADF4350 AD-ADF4350 Datasheet
803Kb / 28P
   Wideband Synthesizer with Integrated VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com