Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5588-1 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC5588-1
Description  200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5588-1 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC5588-1_15 Datasheet HTML 7Page - Linear Technology LTC5588-1_15 Datasheet HTML 8Page - Linear Technology LTC5588-1_15 Datasheet HTML 9Page - Linear Technology LTC5588-1_15 Datasheet HTML 10Page - Linear Technology LTC5588-1_15 Datasheet HTML 11Page - Linear Technology LTC5588-1_15 Datasheet HTML 12Page - Linear Technology LTC5588-1_15 Datasheet HTML 13Page - Linear Technology LTC5588-1_15 Datasheet HTML 14Page - Linear Technology LTC5588-1_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LTC5588-1
11
55881fb
TYPICAL PERFORMANCE CHARACTERISTICS V
CC = 3.3V, EN = 3.3V, TA = 25°C, LOP input
AC-terminated with 50Ω to ground, BBPI, BBMI, BBPQ, BBMQ inputs 0.5VDC, and 1VP-P(DIFF), baseband input frequencies = 4.5MHz
and 5.5MHz for OIP3 and OIP2, or else baseband input frequency = 100kHz, I and Q 90° shifted, lower sideband selection, LINOPT pin
floating, unless otherwise noted. Test circuit is shown in Figure 8.
Return Loss vs Frequency
LO Feedthrough to RF Output vs
LO Frequency After Nulling at 25°C
(PLOM = 0dBm)
Output Noise Floor vs RF
Frequency (No AC Baseband Input
Signal, PLOM = 10dBm)
Image Rejection vs LO Frequency
After Nulling at 25°C
(PLOM = 10dBm)
LO Feedthrough to RF Output vs
LO Frequency (PLOM = –10dBm)
FREQUENCY (GHz)
0
–25
–20
–15
–10
–5
0
1
23
4
55881 G46
56
LOM PORT, EN = HIGH
LOP PORT, EN = HIGH
RF PORT, EN = HIGH
RF PORT, EN = LOW
LO PORT WITH
BD1631J50100A00
LOM PORT, EN = LOW
LOP PORT, EN = LOW
RF FREQUENCY (GHz)
0
–156
–158
–160
–162
–164
–166
–168
–170
3
5
55881 G47
1
2
4
6
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
NOTE 3
RF FREQUENCY (GHz)
0
–156
–158
–160
–162
–164
–166
–168
–170
3
5
55881 G48
1
2
4
6
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
NOTE 3
LO FREQUENCY (GHz)
0
–90
–80
–70
–60
–50
–40
12
55881 G49
34
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
5 PARTS SHOWN
LO Feedthrough to RF Output vs
LO Frequency After Nulling at 25°C
(PLOM = 10dBm)
LO FREQUENCY (GHz)
0
–90
–80
–70
–60
–50
–40
12
55881 G50
34
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
5 PARTS SHOWN
Image Rejection vs LO Frequency
After Nulling at 25°C
(PLOM = 0dBm)
LO FREQUENCY (GHz)
0
–90
–80
–70
–60
–50
–40
12
55881 G51
34
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
5 PARTS SHOWN
Output Noise Floor vs RF
Frequency (No AC Baseband Input
Signal, PLOM = 0dBm)
LO FREQUENCY (GHz)
0
–90
–80
–70
–60
–50
–40
12
55881 G51
34
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
5 PARTS SHOWN
LO FREQUENCY (GHz)
0
–60
–50
–40
–30
–20
12
55881 G53
34
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
Output


Similar Part No. - LTC5588-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5588-1 LINER-LTC5588-1 Datasheet
685Kb / 30P
   200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
logo
Analog Devices
LTC5588-1 AD-LTC5588-1 Datasheet
2Mb / 32P
   300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
More results

Similar Description - LTC5588-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5588-1 LINER-LTC5588-1 Datasheet
685Kb / 30P
   200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
logo
Texas Instruments
TRF370417-DIE TI1-TRF370417-DIE Datasheet
111Kb / 6P
[Old version datasheet]   QUADRATURE MODULATOR
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2402 RFMD-RF2402 Datasheet
84Kb / 6P
   UHF QUADRATURE MODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
   QUADRATURE MODULATOR/DEMODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
   DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com